Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AX Datasheet(PDF) 13 Page - Texas Instruments

No. de pieza DP83826AX
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AX Datasheet(HTML) 13 Page - Texas Instruments

Back Button DP83826AX Datasheet HTML 9Page - Texas Instruments DP83826AX Datasheet HTML 10Page - Texas Instruments DP83826AX Datasheet HTML 11Page - Texas Instruments DP83826AX Datasheet HTML 12Page - Texas Instruments DP83826AX Datasheet HTML 13Page - Texas Instruments DP83826AX Datasheet HTML 14Page - Texas Instruments DP83826AX Datasheet HTML 15Page - Texas Instruments DP83826AX Datasheet HTML 16Page - Texas Instruments DP83826AX Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
7.5 Electrical Characteristics
Over operating free-air temperature range with VDDA3V3 = 3.3V (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IEEE Tx Conformance (100BaseTx)
VOD
Differential output voltage
950
1050
mV
IEEE Tx Conformance (10BaseTe)
VOD
Output differential voltage (2)
1.54
1.75
1.96
V
Power consumption Baseline (Active mode, 50% Traffic, Packet Size : 1518, Random Content, 150 meter Cable)
I(VDDA3V3
=3V3)
MII (100BaseTx)
45
53
mA
MII (10BaseTe)
35
46
mA
RMII leader (100BaseTx)
45
53
mA
RMII leader (10BaseTe)
35
46
mA
RMII follower (100BaseTx)
45
53
mA
RMII follower (10BaseTe)
35
46
mA
I(VDDIO=3
V3)
MII (100BaseTx)
8
14
mA
MII (10BaseTe)
5
12
mA
RMII leader (100BaseTx)
9
14
mA
RMII leader (10BaseTe)
9
12
mA
RMII follower (100BaseTx)
7
8.5
mA
RMII follower (10BaseTe)
5
6
mA
I(VDDIO=1
V8)
MII (100BaseTx)
5
7
mA
MII (10BaseTe)
3
6
mA
RMII leader (100BaseTx)
5
7
mA
RMII leader (10BaseTe)
5
6
mA
RMII follower (100BaseTx)
3
6
mA
RMII follower (10BaseTe)
2
4
mA
Power consumption ( Active mode worst case, 100% Traffic, Packet Size : 1518, Random Content, 150 meter Cable)
I(VDDA3V3
=3V3)
MII (100BaseTx)
44
55
mA
MII (10BaseTe)
35
48
mA
RMII leader (100BaseTx)
44
55
mA
RMII leader (10BaseTe)
35
48
mA
RMII follower (100BaseTx)
44
55
mA
RMII follower (10BaseTe)
35
48
mA
I(VDDIO=3
V3)
MII (100BaseTx)
11
15
mA
MII (10BaseTe)
5
12
mA
RMII leader (100BaseTx)
10
15
mA
RMII leader (10BaseTe)
9
12
mA
RMII follower (100BaseTx)
7
12
mA
RMII follower (10BaseTe)
5
10
mA
I(VDDIO=1
V8)
MII (100BaseTx)
6
9
mA
MII (10BaseTe)
2
6
mA
RMII leader (100BaseTx)
6
9
mA
RMII leader (10BaseTe)
5
7
mA
RMII follower (100BaseTx)
4
8
mA
RMII follower (10BaseTe)
2
6
mA
Power Consumption (Low power modes)
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com