Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AX Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza DP83826AX
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AX Datasheet(HTML) 1 Page - Texas Instruments

  DP83826AX Datasheet HTML 1Page - Texas Instruments DP83826AX Datasheet HTML 2Page - Texas Instruments DP83826AX Datasheet HTML 3Page - Texas Instruments DP83826AX Datasheet HTML 4Page - Texas Instruments DP83826AX Datasheet HTML 5Page - Texas Instruments DP83826AX Datasheet HTML 6Page - Texas Instruments DP83826AX Datasheet HTML 7Page - Texas Instruments DP83826AX Datasheet HTML 8Page - Texas Instruments DP83826AX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet
PHY
1 Features
• Low and deterministic latency
– TX latency: 40ns, RX latency: 170ns
– Deterministic latency over power cycles < ±2ns
– Fixed phase XI to TX_CLK relationship < ±2ns
• Robust and small system implementation
– Integrated circuitry for enhanced EMC
– IEC 61000-4-2 ESD: ±8kV contact, ±15kV air
Criteria A
– IEC 61000-4-4 EFT: ±4kV @ 5kHz,100 kHz
Criteria A
– CISPR 22 conducted emissions Class B
– CISPR 22 radiated emissions Class B
– Fast link-drop < 10µs
– Cable reach > 150 meters
– Voltage mode line driver
– Integrated terminations on MAC interface
– Voltage tolerance: ±10%
• Two selectable pin modes in single device
– ENHANCED mode for additional features
– BASIC mode for common Ethernet pinout
• Low power consumption < 160mW
• MAC interfaces: MII, RMII
• Programmable energy-saving modes
– Active sleep
– Deep power down
– Energy Efficient Ethernet (EEE) IEEE 802.3az
– Wake-on-LAN (WoL)
• Diagnostic tools: cable diagnostics, built-in self-test
(BIST), loopback modes
• Single, 3.3V power supply
• I/O voltages: 1.8V or 3.3V
• RMII back-to-back repeater mode
• DP83826AE operating temperature range: –40°C
to 105°C
• DP83826AI operating temperature range: –40°C to
85°C
• IEEE 802.3 compliant: 10BASE-Te, 100BASE-TX
• EtherCAT® compliant
2 Applications
• Factory automation, robotics and motion control
• Motor drives
• Grid infrastructure
• Building automation
• Industrial Ethernet fieldbus
3 Description
The DP83826Ax offers low and deterministic latency,
low power and supports 10BASE-Te, 100BASE-TX
Ethernet protocols to meet stringent requirements
in real-time industrial Ethernet systems. The device
includes hardware bootstraps to achieve fast link-up
time, fast link-drop detection modes and dedicated
reference CLKOUT to clock synchronize other
modules on the systems.
The two configurable modes are BASIC standard
Ethernet mode that uses a common Ethernet pinout,
and ENHANCED Ethernet mode which supports
standard Ethernet mode and multiple industrial
Ethernet fieldbus applications with the additional
features and hardware bootstraps configuration.
Device Family Information
PART NUMBER (1) PACKAGE
BODY SIZE
(NOM)
ATTRIBUTES
DP83826AE/I
VQFN (32) 5.00mm ×
5.00mm
Lowest latency,
common pinout
DP83825I
WQFN (24)
3.00mm ×
3.00mm
Small size,
optimized solution
cost
DP83822HF/IF/H/I VQFN (32)
5.00mm ×
5.00mm
Wide temperature
range, fiber, and
RGMII support
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
10/100Mbps
Ethernet PHY
Media Types
100BASE-TX
10BASE-Te
Media Dependent
Interface (MDI)
VDDA3V3: 3.3V
VDDIO: 3.3V or 1.8V
25MHz XTAL/Ref Clock 25/50 MHz
Ref Clock: 25/50/125 MHz
RJ-45
MII, RMII (leader/follower)
SMI: MDC, MDIO
Interrupt
Simplified Application
DP83826AE, DP83826AI
SNLS783 – MAY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - DP83826AX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DP83826 TI1-DP83826 Datasheet
2Mb / 115P
DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83826E TI1-DP83826E Datasheet
2Mb / 112P
DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83826E TI1-DP83826E Datasheet
2Mb / 115P
DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83826E TI2-DP83826E Datasheet
2Mb / 115P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
REVISED JANUARY 2025
DP83826ERHBR TI1-DP83826ERHBR Datasheet
2Mb / 112P
DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
More results

Descripción similar - DP83826AX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DP83822HF TI1-DP83822HF Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Advantech Co., Ltd.
ADAM-6520-BE ADVANTECH-ADAM-6520-BE Datasheet
58Kb / 1P
5-port 10/100 Mbps Industrial Ethernet Switches
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825I TI1-DP83825I_V01 Datasheet
1Mb / 110P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83826E TI1-DP83826E Datasheet
2Mb / 112P
DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83826E TI1-DP83826E_V01 Datasheet
2Mb / 115P
DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
logo
Texas Instruments
DP83825I TI-DP83825I_V02 Datasheet
1Mb / 110P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Analog Devices
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
ADIN1300 AD-ADIN1300 Datasheet
1Mb / 79P
Robust, Industrial, Low Latency and Low Power 10 Mbps
10/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com