Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AX Datasheet(PDF) 65 Page - Texas Instruments

No. de pieza DP83826AX
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AX Datasheet(HTML) 65 Page - Texas Instruments

Back Button DP83826AX Datasheet HTML 61Page - Texas Instruments DP83826AX Datasheet HTML 62Page - Texas Instruments DP83826AX Datasheet HTML 63Page - Texas Instruments DP83826AX Datasheet HTML 64Page - Texas Instruments DP83826AX Datasheet HTML 65Page - Texas Instruments DP83826AX Datasheet HTML 66Page - Texas Instruments DP83826AX Datasheet HTML 67Page - Texas Instruments DP83826AX Datasheet HTML 68Page - Texas Instruments DP83826AX Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 113 page
background image
Table 8-35. REGCR Register Field Descriptions
Bit
Field
Type
Reset
Description
15-14
Extended Register
Command
R/W
0h
Extended Register Command:
0h = Address
1h = Data, no post increment
2h = Data, post increment on read and write
3h = Data, post increment on write only
13-5
RESERVED
R
0h
Reserved
4-0
DEVAD
R/W
0h
Device Address: Bits [4:0] are the device address, DEVAD, that
directs any accesses of ADDAR register (0x000E) to the appropriate
MMD.
Specifically, the PHY uses the vendor specific DEVAD [4:0] = '11111'
for accesses to registers 0x04D1 and lower. For MMD3 access, the
DEVAD[4:0] = '00011'. For MMD7 access, the DEVAD[4:0] = '00111'.
All accesses through registers REGCR and ADDAR can use the
DEVAD for either MMD, MMD3 or MMD7. Transactions with other
DEVAD are ignored.
8.5.1.14 ADDAR Register (Offset = Eh) [Reset = 0000h]
ADDAR Register is shown in Table 8-36.
Return to the Summary Table.
Table 8-36. ADDAR Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
Address/Data
R/W
0h
If REGCR register bits [15:14] = '00', holds the MMD DEVAD's
address register, otherwise holds the MMD DEVAD's data.
8.5.1.15 FLDS Register (Offset = Fh) [Reset = 0000h]
FLDS Register is shown in Table 8-37.
Return to the Summary Table.
Table 8-37. FLDS Register Field Descriptions
Bit
Field
Type
Reset
Description
15-9
RESERVED
R
0h
Reserved
8-4
Fast Link Down Status
RCH
0h
Fast Link Down Status:
Status Registers that latch high each time a given Fast Link Down
mode is activated and causes a link drop (assuming the modes were
enabled)
1h = Signal/Energy Lost
2h = SNR Level
4h = MLT3 Errors
8h = RX Errors
10h = Descrambler Loss Sync
3-0
RESERVED
R
0h
Reserved
8.5.1.16 PHYSTS Register (Offset = 10h) [Reset = 0002h]
PHYSTS Register is shown in Table 8-38.
Return to the Summary Table.
Table 8-38. PHYSTS Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R
0h
Reserved
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com