| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
640468 Datasheet(PDF) 50 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 Datasheet(HTML) 50 Page - TE Connectivity Ltd |
|
50 / 66 page ![]() PAGE 50 MTA, CST-100 II and SL-156 Connectors SL-156 Housings With Through Board Latch Housings Material (RoHS Compliant) UL94V-0 rated, nylon, white. Mates with .045 square or round staked posts only. For contacts, see page 48. .078 [1.98] .105 [2.67] Posts PC Board .156 [3.96] 1 2 3 4 78 9 10 [4.14 .163 .052 ± .002 [1.32 ± .005] +.005 +.013 -.000 -.000 B .105 [2.67] Latch Cutout .015 [0.38] 4 Plc. Max. R. A .078 [1.98]Typ. .156 [3.96]Typ. .063 ± .003 [1.60 ± .008] .063 ± .003 [1.60 ± .008] .050 ± .007 [1.27 ± .018] .075 [1.91] .250 [6.35] .125 [3.18] .660 [16.76] No. of Dimensions Latch Location Part Pos. A B Centered Between Pos. Number 2 .312 1 and 2 1- 770894-2 7.92 — 3 .468 1 and 2 1- 770894-3 11.89 — 4 .624 2 and 3 1- 770894-4 15.85 — 5 .780 2 and 3 1- 770894-5 19.81 — 6 .936 3 and 4 1- 770894-6 23.77 — 7 1.092 3 and 4 1- 770894-7 27.74 — 8 1.248 4 and 5 1- 770894-8 31.70 — 9 1.404 1.092 1 and 2 & 8 and 9 1- 770894-9 35.66 27.74 10 1.560 1.248 1 and 2 & 9 and 10 1-770894-0 39.62 31.70 Note: Not for use with LID Contacts. Recommended PC Board Cutout for .062 [1.57] Thick PC Board |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |