| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
640468 Datasheet(PDF) 56 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 Datasheet(HTML) 56 Page - TE Connectivity Ltd |
|
56 / 66 page ![]() PAGE 56 MTA, CST-100 II and SL-156 Connectors Prepared IDC Ribbon Cable In addition to bulk cable, the US Engi- neering Cable Assembly Group offers Prepared Cable for the .100 [2.54] and .156 [3.96] centerline cables. This can be in the form of prenotched cable on reels or cut-to-length cable segments. Prenotched 250 foot reels of cable can be produced with notches at varying in- crements or repeating all along the cable. The maximum width of these cables is 20 conductor for the .100 [2.54] center- line and 13 conductor for the .156 [3.96] centerline. Prepared Cable is also available with a Strip and Retain feature allowing the cable assembly to be soldered directly to the PC Board. This saves space and cost and reduces spare parts inventory. Strip and Retain on both ends is used in family board applications to maintain the electri- cal connection when the PC Board is sep- arated into smaller boards after soldering. Widths are limited to 20 conductors for the .100 [2.54] centerline and 13 conduc- tors for the .156 [3.96] centerline. Howev- er, multiple cables can be placed side-by- side in a single connector. For other styles and configurations contact the product engineer or product manager. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |