| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
640468 Datasheet(PDF) 9 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 Datasheet(HTML) 9 Page - TE Connectivity Ltd |
|
9 / 66 page ![]() PAGE 9 MTA, CST-100 II and SL-156 Connectors Covers Material (RoHS Compliant) Strain Relief Cover—UL94V-2 rated, nylon, white Dust Covers—UL94V-0 rated, polyester, white Cover Ordering Information The “Base Part Numbers” Chart at right shows the base part number and number of circuits available for the described cover. Prefixes and suffixes are determined by the number of circuit positions in the cover. For example, the complete part number for a 10-position closed end strain relief cover would be: Base number 643075 plus prefix-and-suffix 1- — -0 The correct ordering number is 1-643075-0 MTA-100 IDC Connector Accessories Closed End Strain Relief Covers Feed-Thru Strain Relief Covers Closed End Dust Covers Feed-Thru Dust Covers .340 [8.64] .345 [8.76] .127 [3.23] A A .130 .105 .360 .335 [3.3] [2.67] [9.14] Retention Dimple [8.51] .360 [9.14] A .127 [3.23] A [3.3] [6.22] .395 .245 .130 [10.03] Retention Dimple Note: This portion of the front locking bar may or may not be present. Note: This portion of the front locking bar may or may not be present. Base Part Numbers Closed End Feed-Thru Strain Relief Dust Strain Relief Dust Covers Covers Covers Covers 643075 2–28 640550 2–28 643077 2–28 640642 3-28 Cover Length 2 .200 -2 5.08 3 .300 -3 7.62 4 .400 -4 10.16 5 .500 -5 12.7 6 .600 -6 15.24 7 .700 -7 17.78 8 .800 -8 20.32 9 .900 -9 22.86 10 1.00 1- -0 25.4 11 1.100 1- -1 27.94 12 1.200 1- -2 30.48 13 1.300 1- -3 33.02 14 1.400 1- -4 35.56 15 1.500 1- -5 38.1 16 1.600 1- -6 40.64 17 1.700 1- -7 43.18 18 1.800 1- -8 45.72 19 1.900 1- -9 48.26 20 2.000 2- -0 50.8 21 2.100 2- -1 53.34 22 2.200 2- -2 55.88 23 2.300 2- -3 58.42 24 2.400 2- -4 60.96 25 2.500 2- -5 63.5 26 2.600 2- -6 66.04 27 2.700 2- -7 68.58 28 2.800 2- -8 71.12 Cover No. of Circuits Dim. A Prefix/ Suffix No. of Circuits Dim. A Prefix/ Suffix No. of Circuits Dim. A Prefix/ Suffix No. of Circuits Dim. A Prefix/ Suffix Part Nos. No. of Circuits Cover Part Nos. No. of Circuits Cover Part Nos. No. of Circuits Cover Part Nos. No. of Circuits Closed End Strain Relief Covers Feed-Thru Strain Relief Covers Closed End Dust Covers Feed-Thru Dust Covers .340 [8.64] .345 [8.76] .127 [3.23] A A .130 .105 .360 .335 [3.3] [2.67] [9.14] Retention Dimple [8.51] .360 [9.14] A .127 [3.23] A [3.3] [6.22] .395 .245 .130 [10.03] Retention Dimple Note: This portion of the front locking bar may or may not be present. Note: This portion of the front locking bar may or may not be present. Base Part Numbers Closed End Feed-Thru Strain Relief Dust Strain Relief Dust Covers Covers Covers Covers 643075 2–28 640550 2–28 643077 2–28 640642 3-28 Cover Length 2 .200 -2 5.08 3 .300 -3 7.62 4 .400 -4 10.16 5 .500 -5 12.7 6 .600 -6 15.24 7 .700 -7 17.78 8 .800 -8 20.32 9 .900 -9 22.86 10 1.00 1- -0 25.4 11 1.100 1- -1 27.94 12 1.200 1- -2 30.48 13 1.300 1- -3 33.02 14 1.400 1- -4 35.56 15 1.500 1- -5 38.1 16 1.600 1- -6 40.64 17 1.700 1- -7 43.18 18 1.800 1- -8 45.72 19 1.900 1- -9 48.26 20 2.000 2- -0 50.8 21 2.100 2- -1 53.34 22 2.200 2- -2 55.88 23 2.300 2- -3 58.42 24 2.400 2- -4 60.96 25 2.500 2- -5 63.5 26 2.600 2- -6 66.04 27 2.700 2- -7 68.58 28 2.800 2- -8 71.12 Cover No. of Circuits Dim. A Prefix/ Suffix No. of Circuits Dim. A Prefix/ Suffix No. of Circuits Dim. A Prefix/ Suffix No. of Circuits Dim. A Prefix/ Suffix Part Nos. No. of Circuits Cover Part Nos. No. of Circuits Cover Part Nos. No. of Circuits Cover Part Nos. No. of Circuits |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |