| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
640468 Datasheet(PDF) 57 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 Datasheet(HTML) 57 Page - TE Connectivity Ltd |
|
57 / 66 page ![]() PAGE 57 MTA, CST-100 II and SL-156 Connectors MTA Wire Termination Flowchart Insulation Strain Relief Conductor Insulation will be contained within the confines of the insulation strain relief as indicated B Min. A Top of Contact Conductor Bare wires will not be visible beyond back of housing Centerline of Conductor Back of Housing Bare wires will not extend above top of contact Choose the appropriate MTA Connector from the MTA Catalog 82056. Select the proper wire style and AWG for the chosen MTA Connector (Refer to pages 59-63). Choose the MTA Termination Tooling (Refer to pages 55-61). Terminate the Wire-to-MTA Connector per Application Tooling Instruction Sheet. Inspect the MTA Wire Termination per Application Specification, especially the wire depth. See illustrations: 114-13072—MTA-50 Connectors, 114-1019—MTA-100 Connectors, 114-102 0 — MTA-156 Connectors, Posted Connector, Card Edge, 114-1048 — MTA-156 Quad Connectors, 114-1031— MTA-100 Ribbon Cable Connector Assembly, and 114-1032—MTA-156 Ribbon Cable Connector Assembly. Adjust the Termination Tooling (if needed) per Tooling Instruction Sheet (repeat the step above). Connector A B MTA-100 .069–.087 .040 [1.75-2.21] [1.02] MTA-156 .090–.113 .060 [2.29-2.87] [1.52] |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |