Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33K8 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STM32WL33K8
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33K8 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32WL33K8 Datasheet HTML 3Page - STMicroelectronics STM32WL33K8 Datasheet HTML 4Page - STMicroelectronics STM32WL33K8 Datasheet HTML 5Page - STMicroelectronics STM32WL33K8 Datasheet HTML 6Page - STMicroelectronics STM32WL33K8 Datasheet HTML 7Page - STMicroelectronics STM32WL33K8 Datasheet HTML 8Page - STMicroelectronics STM32WL33K8 Datasheet HTML 9Page - STMicroelectronics STM32WL33K8 Datasheet HTML 10Page - STMicroelectronics STM32WL33K8 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
3
Functional overview
3.1
Architecture
The devices embed a sub-GHz RF subsystem that interfaces with a generic microcontroller subsystem using an
Arm Cortex-M0+ core. The main system consists of a 32-bit multilayer AHB bus-matrix interconnect:
•
Three masters:
–
CPU (Cortex® -M0+) core S-bus
–
DMA1
–
Sub-1 GHz radio subsystem
•
Seven slaves:
–
Internal flash memory on CPU (Cortex®-M0+) S bus
–
Internal SRAM0 (16 Kbytes)
–
Internal SRAM1 (16 Kbytes)
–
APB0 peripherals (through an AHB to APB bridge)
–
APB1 peripherals (through an AHB to APB bridge)
–
AHB0 peripherals
–
AHBRF including AHB to APB bridge and Radio peripherals (connected to APB2)
The bus matrix provides access from a master to a slave, enabling concurrent access and efficient operation even
when several high-speed peripherals work simultaneously. This architecture is shown in Figure 2.
Figure 2. STM32WL33xx system architecture
BusMatrix 6x7
BusMatrix 6x7
AHB0
peripherals
ARM
Cortex-M0+
SRAM1
APB0
peripherals
Flash
APB2
LPAWUR
Flash
Controller
APB1
peripherals
DMA
7ch
S0
S1
SRAM0
Radio system
S3
S4
S5
S2
AHB2APB
AHB2APB
AHB2APB
AHB UP Conv
seq
AHB
DOWN conv
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 7/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com