Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33K8 Datasheet(PDF) 74 Page - STMicroelectronics

No. de pieza STM32WL33K8
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33K8 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32WL33K8 Datasheet HTML 70Page - STMicroelectronics STM32WL33K8 Datasheet HTML 71Page - STMicroelectronics STM32WL33K8 Datasheet HTML 72Page - STMicroelectronics STM32WL33K8 Datasheet HTML 73Page - STMicroelectronics STM32WL33K8 Datasheet HTML 74Page - STMicroelectronics STM32WL33K8 Datasheet HTML 75Page - STMicroelectronics STM32WL33K8 Datasheet HTML 76Page - STMicroelectronics STM32WL33K8 Datasheet HTML 77Page - STMicroelectronics STM32WL33K8 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
6.3.23
LCSC characteristics
Table 69. Current consumption in Deepstop mode with LCSC
Symbol
Parameter
Condition
Comparator high speed
configuration [µA]
Comparator in medium speed
configuration [µA]
Typ
Typ
25 °C
50 °C
70 °C
85 °C
25 °C
50 °C
70 °C
85 °C
IDD
(Deepstop with
LCSC)
Supply current
in Deepstop
with LCSC @
70 Hz(1)
Clock source LSI,
VDD = 3.3 V
3.0
4.3
6.9
11.1
1.9
3.1
5.8
9.9
Clock source LSE
VDD = 3.3 V
2.8
4.1
6.8
11.0
1.7
2.9
5.6
9.8
Supply current
in Deepstop
with LCSC @
300 Hz(1)
Clock source LSI
VDD = 3.3 V
10.4
11.7
14.2
18.4
3.3
4.6
7.3
11.5
Clock source LSE
VDD = 3.3 V
9.7
11.2
14.2
18.3
3.1
4.4
7.1
11.4
1. Guaranteed by characterization results.
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 74/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com