Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33K8 Datasheet(PDF) 29 Page - STMicroelectronics

No. de pieza STM32WL33K8
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33K8 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32WL33K8 Datasheet HTML 25Page - STMicroelectronics STM32WL33K8 Datasheet HTML 26Page - STMicroelectronics STM32WL33K8 Datasheet HTML 27Page - STMicroelectronics STM32WL33K8 Datasheet HTML 28Page - STMicroelectronics STM32WL33K8 Datasheet HTML 29Page - STMicroelectronics STM32WL33K8 Datasheet HTML 30Page - STMicroelectronics STM32WL33K8 Datasheet HTML 31Page - STMicroelectronics STM32WL33K8 Datasheet HTML 32Page - STMicroelectronics STM32WL33K8 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
3.24
Analog digital converter (ADC)
The STM32WL33xx SOC embeds a 12-bit ADC. The ADC consists in a 12-bit successive approximation analog-
to-digital converter (SAR) with 2 x 8 multiplexed channels allowing measurements of up to eight external sources
and up to three internal sources.
The main ADC features are:
•
Conversion frequency is up to 1 Msample/s
•
Three input voltage ranges are supported (0 to 1.2 V, 0 to 2.4 V, 0 to 3.6 V)
•
Up to eight analog single ended channels or four analog differential inputs or a mix of both.
•
Temperature sensor conversion.
•
Battery level conversion up to 3.6 V
•
ADC mode conversion only available, programmable in continuous or single mode
•
ADC Down Sampler for multi-purpose applications to improve analog performance while off-loading the
CPU (ratio adjustable from 1 to 128)
•
A watchdog feature to inform when data is outside thresholds
•
DMA capability
•
Interrupt sources with flags
3.24.1
Temperature sensor
The temperature sensor can be used to measure the junction temperature (Tj) of the device. The temperature
sensor is internally connected to the ADC input channels which are used to convert the sensor output voltage to a
digital value. To improve the accuracy of the temperature sensor measurement, each device is individually
factory-calibrated by ST. The temperature sensor factory calibration data are stored by ST in the system memory
area, accessible in read-only mode.
3.25
Analog comparator (COMP)
The STM32WL33xx output embeds one ultra-low power analog comparator COMP.
The comparator can be used for a variety of functions including:
•
Wake-up from low-power mode triggered by an analog signal
•
Analog signal conditioning
•
Cycle-by-cycle current control loop when combined with a PWM output from a timer
•
The comparator has configurable plus and minus inputs used for flexible voltage selection:
–
multiplexed I/O pins
–
internal reference voltage and three submultiple values (1/4, 1/2, 3/4) provided by scaler (buffered
voltage divider)
–
DAC output
•
Programmable hysteresis
•
Programmable speed / consumption
•
The outputs can be redirected to an I/O or to timer inputs for triggering:
–
break events for fast PWM shutdown
–
cycle-by-cycle current control, using OCREF_CLR_INT through ETR inputs
–
capture events
•
Comparator output with blanking source
•
The comparator has interrupt generation capability with wake-up from Sleep and Deepstop modes (through
the PWR controller).
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 29/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com