Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33K8 Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza STM32WL33K8
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33K8 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32WL33K8 Datasheet HTML 9Page - STMicroelectronics STM32WL33K8 Datasheet HTML 10Page - STMicroelectronics STM32WL33K8 Datasheet HTML 11Page - STMicroelectronics STM32WL33K8 Datasheet HTML 12Page - STMicroelectronics STM32WL33K8 Datasheet HTML 13Page - STMicroelectronics STM32WL33K8 Datasheet HTML 14Page - STMicroelectronics STM32WL33K8 Datasheet HTML 15Page - STMicroelectronics STM32WL33K8 Datasheet HTML 16Page - STMicroelectronics STM32WL33K8 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
•
STATIC BYPASS ON THE FLY
–
the VFBSD pin is internally connected to VDDSD via a switch, with a maximum current of 40 mA
–
the SMPS doesn’t need a clock and is disabled
•
DYNAMIC BYPASS ON THE FLY
–
the VFBSD pin internally connected to the output of a programmable voltage regulator, with a
maximum current of 40mA.
–
the SMPS doesn’t need a clock and is disabled
Except for the configuration SMPS OFF, an L/C BOM must be present on the board and connected to the VFBSD
pad.
Figure 6. Power supply configuration
3.5.2
SMPS bypass on-the-fly (BOF)
Bypass on-the-fly (BOF) is a feature that allows the SMPS to be bypassed. This can be done directly with a power
switch (static bypass mode), or via an LDO (dynamic bypass mode).
In case extra radio sensitivity is needed, the user can switch to dynamic bypass mode before entering radio
receiver mode. In this way the SPSM is OFF. When BOF is done in static bypass mode, the SMPS is disabled
and the SMPS output is connected to the battery via an internal switch. In this case both Deepstop and Run mode
operations can be chosen.
When BOF is done in dynamic bypass mode, the SMPS is disabled and the LDO is enabled. The LDO is
connected between the battery and the VFBSD pin and its output voltage is programmable like the SMPS.
A current limitation is implemented in both static and dynamic bypass modes.
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 13/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com