Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 54 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 50Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 51Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 52Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 53Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 54Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 55Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 56Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 57Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 185 page
background image
Functional overview
STM32WBA6xxx
54/185
DS14736 Rev 1
•
Transport key generation by encrypting the device public unique ID with the application
secret BHK
•
Binding of device secure storage keys, using the secret derived hardware unique key
(DHUK) XORed with the secret boot hardware key (BHK). If BHK is lost, the whole
device secure storage is lost.
Note:
Encrypted storage or derived keys that are using DHUK or BHK, cannot be used anymore
when a security breach is detected.
3.26
HASH hardware accelerator (HASH)
The HASH is a fully compliant implementation of the secure hash algorithm
(SHA-1, SHA2-224, SHA-256), the MD5 (message-digest algorithm 5) hash algorithm and
the keyed-hash message authentication code (HMAC) algorithm. HMAC is suitable for
applications requiring message authentication.
The HASH computes Federal information processing standards (FIPS) approved digests of
length of 160, 224, 256 bits, for messages of up to (264 – 1) bits. It also computes 128 bits
digests for the MD5 algorithm.
The HASH main features are:
•
Suitable for data authentication applications, compliant with:
–
Federal Information Processing Standards Publication FIPS PUB 180-4, Secure
Hash Standard (SHA-1 and SHA-2 family)
–
Federal Information Processing Standards Publication FIPS PUB 186-4, Digital
Signature Standard (DSS)
–
Internet Engineering Task Force (IETF) Request For Comments RFC 1321, MD5
Message-Digest Algorithm
–
Internet Engineering Task Force (IETF) Request For Comments RFC 2104,
HMAC: Keyed-Hashing for Message Authentication and Federal Information
Processing Standards Publication FIPS PUB 198-1, The Keyed-Hash Message
Authentication Code (HMAC)
•
Fast computation of SHA-1, SHA2-224, SHA-256, and MD5
–
82 (respectively 66) clock cycles for processing one 512-bit block of data using
SHA-1 (respectively SHA-256) algorithm
–
66 clock cycles for processing one 512-bit block of data using MD5 algorithm
Table 16. AES/SAES features
AES/SAES modes/features(1)
1. X = supported.
AES
SAES
ECB, CBC chaining
X
X
CTR, CCM, GCM chaining
X
X
AES 128-bit ECB encryption in cycles
51
528
DHUK and BHK key selection
-
X
Side-channel attacks resistance
-
X
Shared key between SAES and AES
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com