Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 68 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 64Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 65Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 66Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 67Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 68Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 69Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 70Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 71Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 185 page
background image
Functional overview
STM32WBA6xxx
68/185
DS14736 Rev 1
3.35
USB on-the-go high-speed (USB OTG)
The devices embed an USB OTG high-speed device/host peripheral with integrated
transceivers. This peripheral is compliant with the USB 2.0 specification. It has software-
configurable endpoint setting, and supports suspend/resume.
This interface requires a precise 60 MHz clock that is generated from the internal USB OTG
HS PHY PLL (the clock source must use the HSE crystal oscillator).
The USB OTG HS features are:
•
USB-IF certified to the Universal Serial Bus Specification Rev 2.0
•
On-chip high-speed PHY
•
Full support (PHY)
–
Integrated support for A-B device identification (ID line)
–
Supports monitoring of VBUS levels with internal comparators
•
Software-configurable to operate as USB high-speed device/host role device
•
Supports HS/FS SOF and LS keep-alives with
–
SOF pulse PAD connectivity
–
SOF pulse internal connection to timer (TIMx)
–
Configurable framing period
–
Configurable end of frame interrupt
•
Internal DMA with thresholding support and software selectable AHB burst type in DMA
mode
•
Power saving features, such as system stop during USB OTG suspend, switch-off of
clock domains internal to the digital core, PHY and DFIFO power management
•
Dedicated RAM of 4 Kbytes with advanced FIFO control:
–
Configurable partitioning of RAM space into different FIFOs for flexible and
efficient use of RAM
–
Each FIFO able to hold multiple packets
–
Dynamic memory allocation
–
Configurable FIFO sizes that are not powers of two to allow the use of contiguous
memory locations
•
Max guaranteed USB bandwidth for up to one frame (1 ms) without system intervention
Host-mode features:
•
External charge pump for VBUS voltage generation
•
Up to 16 host channels (pipes): each channel is dynamically reconfigurable to allocate
any type of USB transfer
•
Built-in hardware scheduler holding:
FIFO size
X (8 words)
SPDIF
X
PDM
X
Table 21. SAI implementation (continued)
Features
SAI1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com