Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 66 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 62Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 63Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 64Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 65Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 66Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 67Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 68Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 69Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 185 page
background image
Functional overview
STM32WBA6xxx
66/185
DS14736 Rev 1
•
Autonomous functionality in Stop modes (handling of the transaction flow and required
clock distribution) with wake-up from stop capability
•
Optional status pin RDY signalizing the slave device ready to handle the data flow.
Table 20. SPI features
Feature(1)
SPI1, SPI2
(full feature set instances)
SPI3
(limited feature set instance)
Data size
Configurable from 4- to 32-bit
8- and 16-bit
CRC computation
CRC polynomial length,
configurable from 5- to 33-bit
CRC polynomial length,
configurable from 9- to 17-bit
Size of FIFOs
16 x 8-bit
8 x 8-bit
Number of transfered data
Unlimited, expandable
Up to 1024, no data counter
Autonomous in Stop 0, 1 modes
with wake-up capability
XX
Wake-up capability in Stop 2 mode
-
X
1. X: supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com