| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA63CIF6TR Datasheet(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA63CIF6TR Datasheet(HTML) 56 Page - STMicroelectronics |
|
56 / 185 page ![]() Functional overview STM32WBA6xxx 56/185 DS14736 Rev 1 3.28 Timers and watchdogs The devices include one advanced control timer, up to five general-purpose timers, two low-power timers, two watchdog timers and two SysTick timers. Table 17 compares the features of the advanced control, general-purpose and basic timers. 3.28.1 Advanced-control timers (TIM1) The advanced-control timers can each be seen as a three-phase PWM multiplexed on six channels. They have complementary PWM outputs with programmable inserted dead-times. They can also be seen as complete general-purpose timers. The four independent channels can be used for: • Input capture • Output compare • PWM generation (edge- or center-aligned modes) with full modulation capability (0 - 100%) • One-pulse mode output In Debug mode, the advanced-control timer counter can be frozen and the PWM outputs disabled in order to turn off any power switches driven by these outputs. Many features are shared with the general-purpose TIMx timers (described in the next section) using the same architecture, so the advanced-control timers can work together with the TIMx timers via the Timer Link feature for synchronization or event chaining. Table 17. Timer feature comparison Timer type Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/ compare channels Complementary outputs Advanced control TIM1 16 bits Up, down, Up/down Any integer between 1 and 65536 Yes 43 General- purpose TIM2, TIM4 32 bits Up, down, Up/down 4No TIM3, 16 bits 4No TIM16, TIM17 Up 1 1 |