Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 111 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 107Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 108Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 109Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 110Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 111Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 112Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 113Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 114Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 185 page
background image
DS14736 Rev 1
111/185
STM32WBA6xxx
Electrical characteristics
169
5.3.7
Embedded voltage reference
The parameters in Table 43 are derived under ambient temperature and supply voltage
conditions summarized in Table 30.
VPVD0(2)
Programmable voltage detector threshold 0
VDD rising
2.03
2.13
2.23
V
VDD falling
1.93
2.03
2.12
VPVD1(2)
PVD threshold 1
VDD rising
2.18
2.29
2.39
VDD falling
2.08
2.18
2.28
VPVD2(2)
PVD threshold 2
VDD rising
2.33
2.44
2.55
VDD falling
2.23
2.34
2.44
VPVD3(2)
PVD threshold 3
VDD rising
2.47
2.59
2.70
VDD falling
2.39
2.50
2.61
VPVD4(2)
PVD threshold 4
VDD rising
2.60
2.72
2.83
VDD falling
2.50
2.62
2.73
VPVD5(2)
PVD threshold 5
VDD rising
2.76
2.88
3.00
VDD falling
2.66
2.78
2.90
VPVD6(2)
PVD threshold 6
VDD rising
2.83
2.96
3.08
VDD falling
2.76
2.88
3.00
Vhyst_BOR0(2)
BOR0 hysteresis voltage
-
-
20
-
mV
Vhyst_BOR_PVD(2) BOR1, 2, 3, 4 and PVD hysteresis voltage
-
-
80
-
tsampling_BOR0(2) BOR0 ultra-low-power sampling monitoring period
ULPEN = 1
-
12
30
ms
IDD_BOR_PVD(1)
BOR1, 2, 3, 4 and PVD consumption from VDD,
and additional BOR0 consumption for ULPMEN = 0
vs. ULPMEN = 1 (3)
--
1.7
2.5
μA
1. Specified by design, not tested in production.
2. Evaluated by characterization, not tested in production.
3. BOR0 is enabled in all modes, its consumption is therefore included in the supply current characteristics tables.
Table 42. Embedded reset and power control block characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 43. Embedded internal voltage reference
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT(1)
Internal reference voltage
Range 1
1.175 1.215 1.255
V
Range 2
and low-power modes
1.170 1.215 1.260
-
tS_vrefint(2)(3)
ADC sampling time when reading
the internal reference voltage
-4
-
-
μs
tstart_vrefint(3)
Start time of reference voltage
buffer when ADC is enabled
--
4
6
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com