Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 129 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 125Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 126Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 127Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 128Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 129Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 130Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 131Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 132Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 185 page
background image
DS14736 Rev 1
129/185
STM32WBA6xxx
Electrical characteristics
169
Table 56. Low-power mode wake-up timings - LDO(1)
Symbol
Parameter
Conditions
Typ
Unit
tWU(Stop 0)
Wake-up time from Stop 0 to Run mode in flash
memory, SRAMs retained
FLASHFWU = 0
12.98
μs
Wake-up time from Stop 0 to Run mode in
SRAM2
13.36
tWU(Stop 1)
Wake-up time from Stop 1 to Run mode in flash
memory, SRAMs retained
27.10
Wake-up time from Stop 1 to Run mode in
SRAM2
27.66
tWU(Stop 2)
Wake-up time from Stop 2 to Run mode in flash
memory, SRAMs retained
27.10
Wake-up time from Stop 2 to Run mode in
SRAM2
27.66
tWU(Standby with
retention)
Wake-up time from Standby retention to Run
mode in flash memory
51.49
Wake-up time from Standby to Run mode in
SRAM2
51.49
tWU(Standby)
Wake-up time from Standby to Run mode in flash
memory
FSTEN = 1
104.59
FSTEN = 0
556.39
1. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 57. Low-power mode wake-up timings - SMPS(1)
Symbol
Parameter
Conditions
Typ
Unit
tWU(Stop 0)
Wake-up time from Stop 0 to Run mode in flash
memory, SRAMs retained
FLASHFWU = 0
12.92
µs
Wake-up time from Stop 0 to Run mode in SRAM2
13.36
tWU(Stop 1)
Wake-up time from Stop 1 to Run mode in flash
memory, SRAMs retained
20.86
Wake-up time from Stop 1 to Run mode in SRAM2
21.24
tWU(Stop 2)
Wake-up time from Stop 2 to Run mode in flash
memory, SRAMs retained
20.86
Wake-up time from Stop 2 to Run mode in SRAM2
21.24
tWU(Standby
with retention)
Wake-up time from Standby retention to Run mode in
flash memory
45.19
Wake-up time from Standby to Run mode in SRAM2
46.19
tWU(Standby)
Wake-up time from Standby to Run mode in flash
memory
FSTEN = 1
104.59
FSTEN = 0
556.39
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com