Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 161 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 161 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 157Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 158Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 159Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 160Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 161Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 162Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 163Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 164Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 185 page
background image
DS14736 Rev 1
161/185
STM32WBA6xxx
Electrical characteristics
169
Refer to Section 4.2 for more details on the input/output alternate function characteristics
(NSS, SCK, MOSI, MISO for SPI).
Table 95. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
3.3 V
Max
Unit
fSCK Clock frequency
Master receiver mode
2.7 V ≤ VDD ≤ 3.6 V
--
50
MHz
Master receiver mode
1.71 V ≤ VDD < 2.7 V
33
Master transmitter mode
2.7 V ≤ VDD < 3.6 V
50
Master transmitter mode
1.71 V ≤ VDD < 2.7 V
33
Slave receiver mode
1.71 V ≤ VDD ≤ 3.6 V
50
Slave transmitter mode
2.7 V ≤ VDD ≤ 3.6 V,
voltage range 1
30(2)
Slave transmitter mode
1.71 V ≤ VDD < 2.7 V,
voltage range 1
21(2)
Slave transmitter mode
1.71 V ≤ VDD ≤ 3.6 V,
voltage range 2
16
tsu(NSS) NSS setup time
Slave mode
4 × Tpclk
--
ns
th(NSS) NSS hold time
Slave mode
2 × Tpclk
--
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
tSCK(3)/2 - 1 tSCK(3)/2 tSCK(3)/2 + 1
tsu(MI)
Data input setup time
Master mode
2
-
-
ns
tsu(SI)
Slave mode
1
-
-
th(MI)
Data input hold time
Master mode
3
-
-
th(SI)
Slave mode
1.5
-
-
ta(SO)
Data output access time
Slave mode
9.5
13
23
tdis(SO) Data output disable time
6
8.5
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com