Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 180 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 180 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 176Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 177Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 178Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 179Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 180Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 181Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 182Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 183Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 185 page
background image
Package information
STM32WBA6xxx
180/185
DS14736 Rev 1
Figure 49. UFBGA121 - Footprint example
6.6
Thermal characteristics
The maximum chip junction temperature (TJmax) must never exceed the specified values.
TJ max (in Celsius degrees) can be calculated using the equation:
TJ max = TA max + (PD max x ΘJA)
where:
•
TA max is the maximum ambient temperature in °C
•
ΘJA is the package junction-to-ambient thermal resistance, in °C/W
•
PD max is the sum of PINT max and PI/O max (PD max = PINT max + PI/O max)
•
PINT max is the product of IDD and VDD, expressed in Watt (this is the maximum chip
internal power)
PI/O max represents the maximum power dissipation on output pins:
•
PI/O max = Σ (VOL × IOL) + Σ ((VDD – VOH) × IOH)
taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high level in the
application.
Table 106. UFBGA121 - Example of PCB design rules
Dimension
Values
Pitch
0.5 mm
Dpad
0.225 mm
Dsm
0.290 mm typ. (depends on soldermask registration tolerance)
Stencil opening
0.250 mm
Stencil thickness
0.100 mm
BGA_WLCSP_FT_V1
Dsm
Dpad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com