Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CII6TR Datasheet(PDF) 48 Page - STMicroelectronics

No. de pieza STM32WBA64CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CII6TR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32WBA64CII6TR Datasheet HTML 44Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 45Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 46Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 47Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 48Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 49Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 50Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 51Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 185 page
background image
Functional overview
STM32WBA6xxx
48/185
DS14736 Rev 1
ADC4 has up to 19 multiplexed channels, allowing it to measure signals from up to 10
external and 3 internal sources (the other channels are reserved). The conversion of the
various channels can be performed in Single, Continuous, Scan or Discontinuous mode.
The result of is stored in a left-aligned or right-aligned 16-bit data register.
The analog watchdog feature allows the application to detect if the input voltage goes
outside the user-defined higher or lower thresholds.
An efficient low-power mode is implemented to allow very low consumption at low
frequency. The ADC4 is autonomous in low-power modes down to Stop modes.
A built-in hardware oversampler allows analog performances to be improved while
off-loading the related computational burden from the CPU.
The ADC4 main features are:
•
High performance
–
12-, 10-, 8- or 6-bit configurable resolution
–
ADC conversion time: 0.4 µs for 12-bit resolution (2.5 MHz), faster conversion
times obtained by lowering resolution
–
Self-calibration
–
Programmable sampling time
–
Data alignment with built-in data coherency
–
DMA support
•
Low-power
–
PCLK frequency reduced for low-power operation while still keeping optimum
ADC performance
–
Wait mode: ADC overrun prevented in applications with low frequency PCLK
–
Auto-off mode: ADC automatically powered off except during the active
conversion phase, dramatically reducing the ADC power consumption
–
Autonomous mode: in low-power modes (down to Stop 1), the ADC4 automatically
switches on when a trigger occurs to start conversion, and it automatically
switches off after conversion. Data are transfered to SRAM with DMA.
–
ADC4 interrupts wake up the device down to Stop 1 mode.
Injected channel conversion
-
Oversampling
Up to x256
Data register
16 bits
DMA support
X
Autonomous mode
X
Offset compensation
-
Gain compensation
-
Number of analog watchdogs
3
Wake-up from Stop mode
X
1. X = supported.
Table 13. ADC features (continued)
ADC modes/features(1)
ADC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com