Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CII6TR Datasheet(PDF) 38 Page - STMicroelectronics

No. de pieza STM32WBA64CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CII6TR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32WBA64CII6TR Datasheet HTML 34Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 35Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 36Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 37Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 38Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 39Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 40Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 41Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 185 page
background image
Functional overview
STM32WBA6xxx
38/185
DS14736 Rev 1
RAMCFG
O
R
R
-R
-R
--
--
-
Backup registers
O
O
O
-R
-R
-R
-R
-
PWR
O
O
R
-R(5)
-R(5)
--
--
-
RCC
O
O
R(6)
-R(6)
-R(6)
--
--
-
EXTI
O
R
R
-R
-R
--
--
-
SYSCFG
O
R
R
-R
-R
--
--
-
ICACHE
O
R
R
-R
-R
--
--
-
2.4 GHz RADIO
O R O R
O
R
OR
--
--
--
-
2.4 GHz RADIO
SRAM
OR OR
O
R
-R
-R
-R
--
-
PTACONV
O
O
O
R
-R
--(7)
--
--
-
SLEEP_TIMER
O
O
O
OO
OO
OO
O-
-
BOR
Y
Y
Y
YY
YY
YY
YY
Y
PVD
O
O
O
OO
OO
O-
--
-
HSI16
O
O
O(8)
-O(8)
-O(8)
--
--
-
HSE32
O
O
O(9)
-
--
--
--
--
-
LSI
O
O
O
-O
-O
-O
-O
-
LSE
O
O
O
-O
-O
-O
-O
-
HSECSS
O
O
O
-
O-
--
--
--
-
LSECSS
O
O
O
OO
OO
OO
OO
O
IWDG
O
O
O
OO
OO
OO
OO
O
RTC
O
O
O
OO
OO
OO
OO
O
TAMP tamper
pins
Up to
6
Up to
6
Up to 6
O
Up
to 6
O
Up
to 6
O
Up
to 6
O
Up
to 6
O
GPIO pins
O
O
O
OO
OO
O
O/R
(10)
O
(11)
O/R
(10)
O(11)
USARTx
(x = 1..3)
OO
O
O(12)
O
O(12)
-
--
--
-
LPUART1
O
O
O
O(12)
O
O(12)
O
O(12)
-
--
-
I2Cx (x = 1, 2, 4)
O
O
O
O(13)
O
O(13)
-
--
--
-
I2C3
O
O
O
O(13)
O
O(13)
O
O(13)
-
--
-
SPIx (x = 1, 2)
O
O
O
O(14)
O
O(14)
-
--
--
-
Table 10. Functionalities depending on the working mode(1) (continued)
Peripheral
Run
Sleep
Stop 0
Stop 1
Stop 2
Standby
retention
Standby
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com