Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CII6TR Datasheet(PDF) 25 Page - STMicroelectronics

No. de pieza STM32WBA64CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CII6TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32WBA64CII6TR Datasheet HTML 21Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 22Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 23Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 24Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 25Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 26Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 27Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 28Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 185 page
background image
DS14736 Rev 1
25/185
STM32WBA6xxx
Functional overview
69
When TrustZone is enabled by setting the TZEN option bit, the boot space must be in the
secure area. The SECBOOTADD0[24:0] option bytes are used to select the boot secure
memory address.
A unique boot entry option can be selected by setting the BOOT_LOCK option bit, allowing
to boot always at the address selected by SECBOOTADD0[24:0] option bytes. All other boot
options are ignored.
The boot address option bytes allow to program any boot memory address, but the allowed
address space depends on the flash memory RDP level. If the programmed boot memory
address is out of the allowed memory mapped area when RDP level is 0.5 or higher, the
default boot address is forced either in secure or nonsecure flash memory, depending on
TrustZone security option, as detailed in Table 8.
1
-
0
NSBOOTADD0[24:0]
Boot address defined by
user option bytes
NSBOOTADD0[24:0]
Flash memory:
0x0800 0000
0
-
0
NSBOOTADD1[24:0]
Boot address defined by
user option bytes
NSBOOTADD1[24:0]
System bootloader:
0x0BF9 0000
Table 6. Boot modes when TrustZone is disabled (TZEN = 0) (continued)
nBOOT0
FLASH_
OPTR[27]
BOOT0
pin PH3
nSWBOOT0
FLASH_
OPTR[26]
Boot address
option-bytes
selection
Boot area
ST programmed
default value
Table 7. Boot modes when TrustZone is enabled (TZEN = 1)
nBOOT0
FLASH_
OPTR[27]
BOOT0
pin
PH3
nSWBOOT0
FLASH_
OPTR[26]
Boot address
option bytes
selection
Boot area
ST
programmed
default value
0
-0
1
0
SECBOOT-
ADD0[24:0]
Secure boot address defined
by user option bytes
SECBOOTADD0[24:0]
Flash memory:
0x0C00 0000
-1
1
0
N/A
RSS
RSS:
0x0FF8 0000
1-
0
0
SECBOOT-
ADD0[24:0]
Secure boot address defined
by user option bytes
SECBOOTADD0[24:0]
Flash memory:
0x0C00 0000
0-
0
0
N/A
RSS
RSS:
0x0FF8 0000
--
-
≠0N/A
RSS
RSS:
0x0FF8 0000
1-
-
-
-
SECBOOT-
ADD0[24:0]
Secure boot address defined
by user option bytes
SECBOOTADD0[24:0]
Flash memory:
0x0C00 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com