Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CII6TR Datasheet(PDF) 29 Page - STMicroelectronics

No. de pieza STM32WBA64CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CII6TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32WBA64CII6TR Datasheet HTML 25Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 26Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 27Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 28Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 29Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 30Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 31Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 32Page - STMicroelectronics STM32WBA64CII6TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 185 page
background image
DS14736 Rev 1
29/185
STM32WBA6xxx
Functional overview
69
–
Voltage regulator (LDO)
•
Power supply supervision
–
BOR monitor
–PVD monitor
•
Power management
–
Operating modes
–
Voltage scaling control
–
Low-power modes
•
TrustZone security and privilege protection
3.12.1
Power supply schemes
The devices require a 1.71 to 3.6 V VDD operating voltage supply. Several independent
supplies can be provided for specific peripherals:
•
VDD = 1.71 to 3.6 V (functionality guaranteed down to VBORx minimum value)
External power supply for the I/Os, the internal regulator, the system analog such as
reset, power management, and internal clocks, and the backup domain. It is provided
externally through the VDD pins. VDDRF must be connected to the same supply used
for VDD.
•
VDDIO2 = 1.08 to 3.6 V
External power supply for 14 I/Os (GPIOG[15:2]). The VDDIO2 voltage level is
independent from the VDD voltage and must be connected to VDD (preferably) or to
VSS pin when these I/Os are not used.
•
VDDA = 1.58 (COMP) / 1.62 (ADC) to 3.6 V
External analog power supply for ADC and comparators. The VDDA voltage level is
independent from the VDD voltage and must be connected to VDD (preferably) or to
VSS pin when these peripherals are not used.
•
VREF+
Reference voltage for the ADC. It is also the output of the internal voltage reference
buffer (VREFBUF) when enabled. The VREF+ can be connected to VSS pin when ADC
and VREFBUF are not used. The VREF+ pin is not available on all packages, when not
available, it is bonded to VDDA.
•
VDDUSB = 3.0 to 3.6 V
External power supply for the USB OTG transceiver. It is provided externally through
the VDDUSB pin. The VDDUSB voltage level is independent from the VDD voltage and
must be connected to VDD (preferably) or to VSS pin when the USB OTG is not used.
•
VDDSMPS = 1.71 to 3.6 V
External power supply for the SMPS step down converter. It is provided externally
through VDDSMPS supply pin, and must be connected to the same supply as VDD.
•
VLXSMPS is the switched SMPS step down converter output.
The SMPS power supply pins are available only on a specific package with SMPS
step-down converter option.
•
VDDRF = 1.71 to 3.6 V
External power supply for the 2.4 GHz RADIO, it must be connected to the same
supply used for VDD.
•
VDDANA = 0 to 3.6 V (must be ≥ 1.2 V for 2.4 GHz RADIO operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com