Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65CII6TR Datasheet(PDF) 109 Page - STMicroelectronics

No. de pieza STM32WBA65CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65CII6TR Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32WBA65CII6TR Datasheet HTML 105Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 106Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 107Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 108Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 109Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 110Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 111Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 112Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 185 page
background image
DS14736 Rev 1
109/185
STM32WBA6xxx
Electrical characteristics
169
5.3.5
Operating conditions at power-up/power-down
The parameters in Table 41 are evaluated by characterization under ambient temperature
and supply voltage conditions summarized in Table 30.
P2ndHARM
Second harmonic
Ptxmax max setting
-
-
-69.5
-
dBm
P3rdHARM
Third harmonic
Ptxmax max setting
-
-
-70.5
-
1. Evaluated by characterization, not tested in production, unless otherwise specified. Measured in conducted mode, based
on reference design (see AN5165), using output power specific external RF filter and impedance matching networks to
interface with a 50 Ω antenna.
Table 38. RF transmitter IEEE802.15.4 characteristics(1) (continued)
Symbol
Parameter
Test conditions
Standard Min
Typ
Max
Unit
Table 39. RF receiver IEEE802.15.4 characteristics(1)
Symbol
Parameter
Conditions
Standard
Min
Typ
Max
Unit
Prxmax
Maximum input signal
PER ≤ 1%
-20
-
-20
-
dBm
Psens250kbps
Sensitivity 250 kbps (LDO)
PER ≤ 1%
-85
-
-98
-
Sensitivity 250 kbps (SMPS ON)
-85
-
-98
-
C/Iadj
Adjacent channel rejection
-
0
-
10
-
dB
C/Ialt
Alternate channel rejection
-
30
-
30
-
1. Guaranteed by characterization results, unless otherwise specified. Measured in conducted mode, based on reference
design (see AN5165), using output power specific external RF filter and impedance matching networks to interface with a
50 Ω antenna.
Table 40. RF IEEE802.15.4 power consumption for VDD = 3.3 V(1)(2)
Symbol
Parameter
Typ
Unit
Itx
Tx 0 dBm output power consumption (LDO)
15.37
mA
Tx 0 dBm output power consumption (SMPS ON, VDDRFPA connected to VDD)
7.84
Tx 0 dBm output power consumption (SMPS ON, VDDRFPA connected to VDD11)
7.62
Tx +10 dBm output power consumption (LDO)
28.39
Tx +10 dBm output power consumption (SMPS ON, VDDRFPA connected to VDD)
25.48
Irx
Rx consumption (LDO)
11.31
Rx consumption (SMPS ON, VDDRFPA connected to VDD)
6.99
Rx consumption (SMPS ON, VDDRFPA connected to VDD11)
5.95
1. Guaranteed by characterization results, unless otherwise specified.
2. Power consumption including 2.4 GHz RADIO subsystem and digital processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com