Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65CII6TR Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza STM32WBA65CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65CII6TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32WBA65CII6TR Datasheet HTML 19Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 20Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 21Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 22Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 23Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 24Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 25Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 26Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 185 page
background image
DS14736 Rev 1
23/185
STM32WBA6xxx
Functional overview
69
3.7.1
TrustZone peripheral classification
When the TrustZone security is active, a peripheral can be either securable or
TrustZone-aware type as follows:
•
Securable: peripheral protected by an AHB/APB firewall gate that is controlled from
TZSC to define security properties
•
TrustZone-aware: peripheral connected directly to AHB or APB bus and implementing
a specific TrustZone behavior such as a subset of registers being secure
3.7.2
Default TrustZone security state
The default system security state is detailed below:
•
CPU: Cortex-M33 is in secure state after reset. The boot address must be in secure
area.
•
Memory map: SAU is fully secure after reset, hence all memory map is fully secure.
Up to eight SAU configurable regions are available for security attribution.
•
Flash memory:
–
Flash memory security area is defined by watermark user options.
–
Flash memory block based area is nonsecure after reset.
•
SRAMs:
–
All are secure after reset, MPCBB is secure.
•
Peripherals:
–
Securable peripherals are nonsecure after reset.
–
TrustZone-aware peripherals are nonsecure after reset.
•
All GPIOs are secure after reset.
ICACHE Re-mappable
(Reserved)
0x1000 0000
0x17FF FFFF
Nonsecure
Nonsecure
0x1800 0000
0x1FFF FFFF
SRAM
0x2000 0000
0x2FFF FFFF
Nonsecure
0x3000_0000
0x3FFF FFFF
Nonsecure callable
Secure or nonsecure callable
Peripherals
0x4000 0000
0x4FFF FFFF
Nonsecure
0x5000 0000
0x5FFF FFFF
Nonsecure callable
Secure or nonsecure callable
Reserved
0x6000 0000
0xDFFF FFFF
Nonsecure
Secure or nonsecure or nonsecure callable
Table 5. Example of memory map security attribution versus SAU configuration regions (contin-
Region description
Address range
IDAU security
attribution
SAU security
attribution typical
configuration
Final security
attribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com