Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65CII6TR Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza STM32WBA65CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65CII6TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32WBA65CII6TR Datasheet HTML 10Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 11Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 12Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 13Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 14Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 15Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 16Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 17Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 185 page
background image
Description
STM32WBA6xxx
14/185
DS14736 Rev 1
Many peripherals (including radio, communication, analog, and timer peripherals) can be
functional and autonomous in Stop mode with direct memory access thanks to background
autonomous mode (BAM) support.
Some independent power supplies are supported, like an analog independent supply input
for ADC and comparators, USB OTG high-speed, 14 GPIOs and dedicated supply inputs for
the 2.4 GHz RADIO.
The devices offer four packages, from 48 to 121 pins, with or without SMPS.
Table 2. Device features and peripheral counts
Feature
Flash memory density (Mbytes)
212
1212
1212
121
2121
SRAM density
SRAM1 (Kbytes)
448 192 448 192 448 192 448 192 448 192 448 192 448 192 448 192 448 192
SRAM2 (Kbytes)
64
Bluetooth Low Energy
Yes
IEEE802.15.4
No
Yes
No
Yes
No
Yes
SMPS
No
Yes
No
Yes
No
Yes
No
Yes
PTA
Yes
External PA support
No
Yes
No
Yes
No
Yes
BLE AoA, AoD support
No
Yes
No
Yes
No
Yes
Timers
Advanced control (16-bit)
1
General purpose (32-bit)
2
1
2
General purpose (16-bit)
3
Low power (16-bit)
2
SysTick
2
Communication
interfaces
SPI
2
3
I2C
4
2
4
2
4
USART
3
2
3
LPUART
1
SAI
1
USB OTG high-speed
Yes
No
Yes
IRTIM
No
Yes
No
Yes
RTC
Yes
Tamper pins (active tampers)(1)
4 (3)
5 (4)
4 (3)
6 (5)
Wake-up pins
11
14
11
10
14
16
GPIOs
34313430
46
86
54
TSC (capacitive sensing channels)
10
12
10
7
16
24
19
12-bit ADC4 (channels)
7
8
7
6
10
Comparators
1
2
1
2
VREF
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com