Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65CII6TR Datasheet(PDF) 15 Page - STMicroelectronics

No. de pieza STM32WBA65CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65CII6TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32WBA65CII6TR Datasheet HTML 11Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 12Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 13Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 14Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 15Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 16Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 17Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 18Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 185 page
background image
DS14736 Rev 1
15/185
STM32WBA6xxx
Description
69
True random number generator
Yes
SAES, AES
Yes
Public key accelerator (PKA)
Yes
HASH
Yes
Debug ETM
No
Yes
Maximum CPU frequency
100 MHz
Operating temperature
Ambient: -40 to 85 °C / -40 to 105 °C
Junction: -40 to 105 °C / -40 to 125 °C
Operating voltage
1.71 to 3.6 V
Package
UFQFPN48
VFQ
FPN68
UFBGA121
Thin WLCSP88
1.
Active tampers in output sharing mode (one output shared by all inputs).
Table 2. Device features and peripheral counts (continued)
Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com