Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65CII6TR Datasheet(PDF) 30 Page - STMicroelectronics

No. de pieza STM32WBA65CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65CII6TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32WBA65CII6TR Datasheet HTML 26Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 27Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 28Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 29Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 30Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 31Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 32Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 33Page - STMicroelectronics STM32WBA65CII6TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 185 page
background image
Functional overview
STM32WBA6xxx
30/185
DS14736 Rev 1
An external power supply for the 2.4 GHz RADIO, can be connected to VDD11.
The VDDANA supply must be equal or lower than VDDRF.
•
VDDRFPA = 0 to 3.6 V (must be ≥ 1.2 V for 2.4 GHz RADIO operation)
An external power supply for the 2.4 GHz RADIO and power amplifier regulator, can be
connected to VDD11. The maximum reachable transmit output power is determined by
VDDRFPA supply level. The VDDRFPA supply must be equal or lower than VDDRF.
The devices embed two regulators: one LDO and one SMPS in parallel to provide the
VCORE supply for digital peripherals, SRAM1, SRAM2, 2.4 GHz RADIO and embedded flash
memory. The LDO generates this voltage on VCAP pin connected to a 4.7 μF (typical)
external capacitor. The SMPS generates this voltage on VDD11 pin, with a total a 4.7 μF
(typical) external capacitor. The SMPS requires an external 2.2 μH (typical) coil.
Both regulators can provide two different voltages (voltage scaling), and can operate in Stop
modes.
It is possible to switch from SMPS to LDO and from LDO to SMPS on-the-fly.
Figure 3. Power supply overview (with SMPS)
MSv56534V1
Core
SRAM1
SRAM2
Digital
peripherals
Standby circuitry
Wake-up logic, IWDG
VDDA domain
Backup domain
LDO regulator
I/O ring
VCORE domain
Reset block
Temperature sensor
PLL, internal oscillators
Flash memory
VDDA
VSSA
(3)
VDD domain
VCORE
VSS
(Exposed pad)
(1)
VDD
VDD11
Voltage regulator
VLXSMPS
VDDSMPS
VSSSMPS
VDDRF
VDDRFPA
RADIO domain
VDDANA
VDDHPA
VSSRF
(3)
2.4 GHz RADIO
(1) Exposed pad is available only on QFN packages.
(2) Not available on all packages.
(3) Not available on all packages (when not available connected to VSS pin).
(4) Not available on all packages (when not available connected to VDDA pin).
VREF+
(4)
VSS
SMPS regulator
LSE crystal 32 kHz oscillator
RTC, TAMP, Backup
registers, RCC_BDCR1
ADC
Comparators
Voltage reference buffer
USB OTG
VDDUSB
(2)
VDDIO2
(2)
I/O2 ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com