Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XCL219B2F3 Datasheet(PDF) 9 Page - Torex Semiconductor

No. de pieza XCL219B2F3
Descripción Electrónicos  HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL219B2F3 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XCL219B2F3 Datasheet HTML 5Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 6Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 7Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 8Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 9Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 10Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 11Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 12Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
XCL219/XCL220
Series
■OPERATIONAL EXPLANATION (Continued)
<CL High Speed Discharge>
The product can quickly discharge the electric charge at the output capacitor (CL) when a low signal to the CE pin which enables
a whole IC circuit put into OFF state, is inputted via the N-ch MOS switch transistor located between the VOUT pin and the GND
pin. When the IC is disabled, electric charge at the output capacitor (CL) is quickly discharged so that it may avoid application
malfunction.
V=VOUT(T) × e - t / τ
t =τLn (VOUT(T) / V)
V : Output voltage after discharge
VOUT(T) : Output voltage
t : Discharge time
τ: CL×RDCHG
CL : Capacitance of Output capacitor
RDCHG : CL auto-discharge resistance,
but it depends on supply voltage.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
12
14
16
18
20
Discharge Time: t(ms)
Vout=1.2V
Vout=1.8V
Vout=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com