Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XCL219B2F3 Datasheet(PDF) 11 Page - Torex Semiconductor

No. de pieza XCL219B2F3
Descripción Electrónicos  HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL219B2F3 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XCL219B2F3 Datasheet HTML 7Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 8Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 9Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 10Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 11Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 12Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 13Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 14Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
XCL219/XCL220
Series
■NOTE ON USE (Continued)
12. When the input voltage is close to the minimum input voltage, the current limit circuit might not be able to work.
13. When the voltage difference between input voltage and output voltage is low, the load stability feature may deteriorate.
14. If the capacitance value is not sufficient by degrading CL due to the low temp. condition and DC bias feature, 100% duty
cycle might come up for the load transient condition. Add capacitance value for CL if necessary.
15. If the capacitance value is not sufficient by degrading CL due to the low temp. condition and DC bias feature, the duty cycle
might not be stable. Add capacitance value for CL if necessary.
16. Torex places an importance on improving our products and their reliability.We request that users incorporate fail-safe
designs and post-aging protection treatment when using Torex products in their systems.
17. Please use within the power dissipation range below.
Please also note that the power dissipation may changed by test
conditions, the power dissipation figure shown is PCB mounted.
18.
The proper position of mounting is based on the coil terminal
Pd vs Operating Temperature
Pakage Body Temperature vs Operating Temperature
the power loss of micro DC/DC according to the following formula:
power loss = VOUT×IOUT×((100/EFFI) – 1)
(W)
VOUT : Output Voltage (V)
IOUT : Output Current (A)
EFFI : Conversion Efficiency (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com