Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XCL219B2F3 Datasheet(PDF) 3 Page - Torex Semiconductor

No. de pieza XCL219B2F3
Descripción Electrónicos  HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL219B2F3 Datasheet(HTML) 3 Page - Torex Semiconductor

  XCL219B2F3 Datasheet HTML 1Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 2Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 3Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 4Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 5Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 6Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 7Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 8Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
XCL219/XCL220
Series
■PIN CONFIGURATION
■PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTIONS
1
Lx
Switching Output
2
AGND
Analog Ground
3
VOUT
Fixed Output Voltage PIN
4
CE
Chip Enable
5
PGND
Power Ground
6
VIN
Power Input
7
L1
Inductor Electrodes
8
L2
Inductor Electrodes
■FUNCTION TABLE
CE PIN Function
PIN NAME
SIGNAL
STATUS
CE
Low
Stand-by
High
Active
* Please do not leave the CE pin open.
■ABSOLUTE MAXIMUM RATINGS
Ta=25℃
All voltages are described based on the GND (AGND and PGND) pin.
(*1) The maximum value should be either VIN+0.3 or +6.2 in the lowest voltage
(*2) The maximum value should be either VIN+0.3 or +4.0 in the lowest voltage
(*3) The power dissipation figure shown is PCB mounted and is for reference only.
The mounting condition is please refer to PACKAGING INFORMATION.
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
-0.3 ~ + 6.2
V
LX Pin Voltage
VLx
- 0.3 ~ VIN + 0.3 or + 6.2 (*1)
V
VOUT Pin Voltage
Vout
- 0.3 ~ VIN + 0.3 or + 4.0 (*2)
V
CE Pin Voltage
VCE
- 0.3 ~ + 6.2
V
Power Dissipation
Pd
1000(40mm x 40mm Standard board) (*3)
mW
Operating Ambient Temperature
Topr
- 40 ~ + 105
℃
Storage Temperature
Tstg
- 55 ~ + 125
℃
BOTTOM VIEW
L1
L2
7
8
VIN
PGND
CE
Lx
AGND
VOUT
1
2
3
4
5
6
* It should be connected the pin No.2 and 5 to the GND pin.
* If the dissipation pad needs to be connected to other pins, it should be
connected to the GND pin.
* Please refer to pattern layout page for the connecting to PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com