Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XCL219B2F3 Datasheet(PDF) 2 Page - Torex Semiconductor

No. de pieza XCL219B2F3
Descripción Electrónicos  HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL219B2F3 Datasheet(HTML) 2 Page - Torex Semiconductor

  XCL219B2F3 Datasheet HTML 1Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 2Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 3Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 4Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 5Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 6Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 7Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 8Page - Torex Semiconductor XCL219B2F3 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/20
XCL219/XCL220 Series
■BLOCK DIAGRAM
* The XCL219 offers a fixed PWM control, a Control Logic of PWM/PFM Selector is fixed at “PWM” internally.
The XCL220 control scheme is a fixed PWM/PFM automatic switching, a Control Logic of PWM/PFM Selector is fixed at “PWM/PFM automatic
switching” internally.
Diodes inside the circuit are an ESD protection diode and a parasitic diode.
■PRODUCT CLASSIFICATION
●Ordering Information
XCL219①②③④⑤⑥-⑦
PWM
XCL220①②③④⑤⑥-⑦
PWM/PFM Automatic switching control
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
B
Refer to Selection Guide
②③
Output Voltage
08~36
Output Voltage options
e.g.)1.2
V → ②=1, ③=2
1.25
V → ②=1, ③=C
0.05V Increments:
0.05=A,0.15=B,0.25=C,0.35=D,0.45=E,0.55=F,0.65=H,
0.75=K,0.85=L,0.95=M
④
Oscillation Frequency
3
3.0MHz
⑤⑥-⑦(*1)
Package (Order Unit)
FR-G
CL-2025-02 (3,000pcs/Reel)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
●Selection Guide
TYPE
OUTPUT
VOLTAGE
CL AUTO-
DISCHARGE
LATCH or
SHORT
PROTECTION
UVLO
CHIP
ENABLE
CURRENT
LIMIT
SOFT-
START
THERMAL
SHUTDOWN
B
Fixed
Yes
Yes
Yes
Yes
Yes
Fixed
Yes
Lx
Inductor
PGND
L2
L1
VIN
VOUT
CE
Error
Amp.
High Side
Current Limit
Comparator
Phase
Compensation
R2
R1
Synch
Buffer
Drive
Logic
Minimum
On Time
Generator
S
R
Q
PWM/PFM
Selector
VIN
VOUT
Vref with
Soft Start
CE Control Logic,
UVLO
Thermal Shutdown
Short
Protection
CFB
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com