Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 140 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 140 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 136Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 137Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 138Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 139Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 140Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 141Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 142Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 143Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 144Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 140
CONTACTS
CURRENT RATING
AMPS
PART DESCRIPTION
PART NUMBER
Size 16 (14 AWG)
13
Pin, S&F, sz. 16, 14-18 AWG [2.00-0.75 mm2], .095-.150 [2.41-3.81] ins., nickel
1060-14-0122
13
Pin, S&F, sz. 16, 14-18 AWG [2.00-0.75 mm2], .095-.150 [2.41-3.81] ins., gold
1060-14-0144
Size 12
25
Pin, S&F, sz. 12, 12-14 AWG [4.00-2.00 mm2], .113-.176 [2.87-4.47] ins., gold
1060-12-0144
25
Pin, S&F, sz. 12, 12-14 AWG [4.00-2.00 mm2], .113-.176 [2.87-4.47] ins., nickel
1060-12-0166
Size 12 (10 AWG)
25
Pin, S&F, sz. 12, 10 AWG [6.00-4.00 mm2], .140-.204 [3.56-5.18] ins., nickel
1060-12-0222
DEUTSCH SOLID SOCKETS
Size 20
7.5
Socket, solid, sz. 20, 20 AWG [0.50 mm2], nickel
0462-201-20141
7.5
Socket, solid, sz. 20, 20 AWG [0.50 mm2], gold
0462-201-2031
Size 20 (16-18 AWG)
7.5
Socket, solid, sz. 20, 16-18 AWG [1.00-0.75 mm2], nickel
0462-005-20141
7.5
Socket, solid, sz. 20, 16-18 AWG [1.00-0.75 mm2], gold
0462-005-2031
Size 16
13
Socket, solid, sz. 16, 16-20 AWG [1.50-0.50 mm2], nickel
0462-201-16141
13
Socket, solid, sz. 16, 16-20 AWG [1.50-0.50 mm2], gold
0462-201-1631
13
Socket, solid, sz. 16, 16-20 AWG [1.50-0.50 mm2], gold, high durability
0462-004-1631
13
Socket, solid, sz. 16, 16-20 AWG [1.50-0.50 mm2], gold, extended crimp, seals against rear grommet
0462-221-1631
Size 16 (14 AWG)
13
Socket, solid, sz. 16, 14 AWG [2.00 mm2], nickel
0462-209-16141
13
Socket, solid, sz. 16, 14 AWG [2.00 mm2], gold
0462-209-1631
Size 12
25
Socket, solid, sz. 12, 12-14 AWG [3.00-2.00 mm2], nickel
0462-203-12141
25
Socket, solid, sz. 12, 12-14 AWG [3.00-2.00 mm2], gold
0462-210-1231
Size 8
60
Socket, solid, sz. 8, 8-10 AWG [10.00-5.00 mm2], nickel
0462-203-08141
Size 4
100
Socket, solid, sz. 4, 6 AWG [16.00-13.00 mm2], nickel
0462-203-04141
100
Socket, solid, sz. 4, 4 AWG [25.00-21.00 mm2], nickel, C038 modification only
5962-203-04141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com