Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 91 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 91 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 87Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 88Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 89Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 90Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 91Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 92Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 93Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 94Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 95Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 91
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
LEAVYSEAL
2.8
Tab housing, LEAVYSEAL, 39 way, group 5, E key, emerald green
5-1718323-1
Included
2.8
Tab housing, LEAVYSEAL, 39 way, group 5, E key, emerald green, 180° molded pins, PCB mount 5-1418363-1
N/A
2.8
Tab housing, LEAVYSEAL, 39 way, group 5, E key, emerald green, 90° molded pins, PCB mount 5-1418363-3
N/A
2.8
Tab housing, LEAVYSEAL, 39 way, group 5, F key, fawn brown
6-1718323-1
Included
2.8
Recept. housing, LEAVYSEAL, 39 way, group 5, E key, emerald green
5-1718321-3
Included
2.8
Recept. housing, LEAVYSEAL, 39 way, group 5, E key, emerald green, V0
5-2208684-3
Included
2.8
Recept. housing, LEAVYSEAL, 39 way, group 5, F key, fawn brown
6-1718321-3
Included
2.8
Recept. housing, LEAVYSEAL, 39 way, group 5, F key, fawn brown, V0
6-2208684-3
Included
40 CAVITY CONNECTORS
AEC Series
16
Recept., AEC, 40 way, A key, black, in-line
AEC14-40PA
N/A
16
Recept., AEC, 40 way, A key, black, in-line, E seal, adapter
AEC14-40PAE-E019
N/A
16
Recept., AEC, 40 way, A/B key, black, in-line
AEC14-40PAB
N/A
16
Recept., AEC, 40 way, B key, black, in-line
AEC14-40PB
N/A
16
Recept., AEC, 40 way, B key, black, in-line, E seal, adapter
AEC14-40PBE-E019
N/A
16
Recept., AEC, 40 way, C key, black, in-line
AEC14-40PC
N/A
16
Recept., AEC, 40 way, D key, black, in-line
AEC14-40PD
N/A
16
Plug, AEC, 40 way, A key, black, in-line
AEC16-40SA
N/A
16
Plug, AEC, 40 way, A key, black, in-line, E seal, adapter
AEC16-40SAE-E019
N/A
16
Plug, AEC, 40 way, A key, black, in-line, E seal, remove blue stripe/brown end cap
AEC16-40SAE-K001
N/A
16
Plug, AEC, 40 way, B key, black, in-line
AEC16-40SB
N/A
16
Plug, AEC, 40 way, B key, black, in-line, E seal, adapter
AEC16-40SBE-E019
N/A
16
Plug, AEC, 40 way, C key, black, in-line
AEC16-40SC
N/A
16
Plug, AEC, 40 way, D key, black, in-line
AEC16-40SD
N/A
16
Plug, AEC, 40 way, Univ. key, black, in-line
AEC16-40SU
N/A
16
Plug, AEC, 40 way, Univ. key, black, in-line, E seal, adapter
AEC16-40SUE-E019
N/A
DRC Series
16
Recept., DRC, 40 way, A key, black, flange
DRC12-40PA
N/A
16
Recept., DRC, 40 way, A key, black, flange, E seal
DRC12-40PAE
N/A
16
Recept., DRC, 40 way, B key, black, flange
DRC12-40PB
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com