Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 37 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 37 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 33Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 34Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 35Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 36Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 37Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 38Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 39Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 40Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 41Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 37
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
4 sz. 16, 3 sz. 4
Plug, HDP20, 24 shell, 7 way, black, N seal, 5962-203-04141 contact only
HDP26-24-7SN-C038
N/A
4 sz. 16, 3 sz. 4
Plug, HDP20, 24 shell, 7 way, black, N seal, 5962-203-04141 contact only, wide threaded adapter HDP26-24-7SN-CL22
N/A
HDSCS
4 sz. 1.5K, 3 sz. 2.8
Tab housing, HDSCS, 7 way, group C, 1 key, black, sealed flange
1-1670214-1
Included
4 sz. 1.5K, 3 sz. 2.8
Tab housing, HDSCS, 7 way, group C, 1 key, black
1-1703648-1
Included
4 sz. 1.5K, 3 sz. 2.8
Tab housing, HDSCS, 7 way, group C, 2 key, gray, sealed flange
2-1670214-1
Included
4 sz. 1.5K, 3 sz. 2.8
Tab housing, HDSCS, 7 way, group C, 2 key, gray
2-1703648-1
Included
4 sz. 1.5K, 3 sz. 2.8
Tab housing, HDSCS, 7 way, group C, 3 key, green, sealed flange
3-1670214-1
Included
4 sz. 1.5K, 3 sz. 2.8
Tab housing, HDSCS, 7 way, group C, 3 key, green
3-1703648-1
Included
4 sz. 1.5K, 3 sz. 2.8
Tab housing, HDSCS, 7 way, group C, 4 key, blue, sealed flange
4-1670214-1
Included
4 sz. 1.5K, 3 sz. 2.8
Tab housing, HDSCS, 7 way, group C, 4 key, blue
4-1703648-1
Included
4 sz. 1.5K, 3 sz. 2.8
Recept. housing, HDSCS, 7 way, group C, 1 key, black, black key
1-1418480-1
Included
4 sz. 1.5K, 3 sz. 2.8
Recept. housing, HDSCS, 7 way, group C, 2 key, black, gray key
2-1418480-1
Included
4 sz. 1.5K, 3 sz. 2.8
Recept. housing, HDSCS, 7 way, group C, 3 key, black, green key
3-1418480-1
Included
4 sz. 1.5K, 3 sz. 2.8
Recept. housing, HDSCS, 7 way, group C, 4 key, black, blue key
4-1418480-1
Included
8 CAVITY CONNECTORS
AMPSEAL
1.3 mm
Header, AMPSEAL, 8 way, A key, black, 180° molded tin pins, PCB mount, without seal
776275-1
N/A
1.3 mm
Header, AMPSEAL, 8 way, A key, black, 180° molded tin pins, PCB mount, with seal
776276-1
N/A
1.3 mm
Header, AMPSEAL, 8 way, A key, black, 180° molded gold pins, PCB mount, without seal
1-776275-1
N/A
1.3 mm
Header, AMPSEAL, 8 way, A key, black, 180° molded gold pins, PCB mount, with seal
1-776276-1
N/A
1.3 mm
Header, AMPSEAL, 8 way, A key, black, 90° molded tin pins, PCB mount, without seal
776279-1
N/A
1.3 mm
Header, AMPSEAL, 8 way, A key, black, 90° molded tin pins, PCB mount, with seal
776280-1
N/A
1.3 mm
Header, AMPSEAL, 8 way, A key, black, 90° molded gold pins, PCB mount, without seal
1-776279-1
N/A
1.3 mm
Header, AMPSEAL, 8 way, A key, black, 90° molded gold pins, PCB mount, with seal
1-776280-1
N/A
1.3 mm
Header, AMPSEAL, 8 way, B key, natural, 180° molded tin pins, PCB mount, without seal
776275-2
N/A
1.3 mm
Header, AMPSEAL, 8 way, B key, natural, 180° molded tin pins, PCB mount, with seal
776276-2
N/A
1.3 mm
Header, AMPSEAL, 8 way, B key, natural, 180° molded gold pins, PCB mount, without seal
1-776275-2
N/A
1.3 mm
Header, AMPSEAL, 8 way, B key, natural, 180° molded gold pins, PCB mount, with seal
1-776276-2
N/A
1.3 mm
Header, AMPSEAL, 8 way, B key, natural, 90° molded tin pins, PCB mount, without seal
776279-2
N/A
1.3 mm
Header, AMPSEAL, 8 way, B key, natural, 90° molded tin pins, PCB mount, with seal
776280-2
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com