Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 30 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 30 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 26Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 27Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 28Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 29Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 30Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 31Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 32Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 33Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 34Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 30
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Plug, DT, 4 way, black, enhanced seal ret., reduced dia. seals, shrink boot adapter
DT06-4S-CE13
W4S-P012
16
Plug, DT, 4 way, black, enhanced seal ret., reduced dia. seals, dovetail end cap
DT06-4S-CE15
W4S-P012
16
Plug, DT, 4 way, black, enhanced seal ret., solid rear grommet, end cap
DT06-4S-CP01
Included
16
Plug, DT, 4 way, gray, end cap
DT06-4S-E003
W4S
16
Plug, DT, 4 way, black
DT06-4S-E004
W4S
16
Plug, DT, 4 way, black, end cap
DT06-4S-E005
W4S
16
Plug, DT, 4 way, gray, shrink boot adapter
DT06-4S-E008
W4S
16
Plug, DT, 4 way, black, enhanced seal ret., end cap
DT06-4S-EP06
W4S-P012
16
Plug, DT, 4 way, black, enhanced seal ret., shrink boot adapter
DT06-4S-EP11
W4S-P012
16
Plug, DT, 4 way, black, enhanced seal ret., reduced dia. seals, DIN backshell adapter
DT06-4S-LC01
W4S-P012
16
Plug, DT, 4 way, black, enhanced seal ret.
DT06-4S-P012
W4S-P012
DT13/15 Series
16
Recept., DT13, 4 way, gray, 90° molded pins, PCB mount
DT13-4P
N/A
16
Recept., DT13, 4 way, gray, 90° molded gold pins, PCB mount
DT13-4P-G003
N/A
16
Recept., DT15, 4 way, gray, 180° molded pins, PCB mount
DT15-4P
N/A
16
Recept., DT15, 4 way, gray, 180° molded gold pins, PCB mount
DT15-4P-G003
N/A
DTF Series
16
Recept., DTF, 4 way, black, 90° molded pins, flangeless PCB mount
DTF13-4P
N/A
16
Recept., DTF, 4 way, black, 90° molded gold pins, flangeless PBC mount
DTF13-4P-G003
N/A
DTM Series
20
Recept., DTM, 4 way, gray
DTM04-4P
WM-4P
20
Recept., DTM, 4 way, gray, end cap
DTM04-4P-E003
WM-4P
20
Recept., DTM, 4 way, black
DTM04-4P-E004
WM-4P
20
Recept., DTM, 4 way, black, end cap
DTM04-4P-E005
WM-4P
20
Plug, DTM, 4 way, gray
DTM06-4S
WM-4S
20
Plug, DTM, 4 way, black
DTM06-4S-E004
WM-4S
20
Plug, DTM, 4 way, gray, shrink boot adapter
DTM06-4S-E007
WM-4S
DTMH Series
20
Recept., DTMH, 4 way, A key, black, high temp
DTMH04-4PA
Included
20
Recept., DTMH, 4 way, B key, black, high temp
DTMH04-4PB
Included
20
Recept., DTMH, 4 way, C key, black, high temp
DTMH04-4PC
Included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com