Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 80 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 80 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 76Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 77Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 78Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 79Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 80Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 81Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 82Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 83Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 84Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 80
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Recept., DRC10, 24 way, A key, black, flange, 180° molded pins, PCB mount
DRC10-24PA-A004
N/A
16
Recept., DRC10, 24 way, B key, black, flange, 180° solder pots
DRC10-24PB
N/A
16
Recept., DRC10, 24 way, B key, black, flange, 180° molded pins, PCB mount
DRC10-24PB-A004
N/A
16
Recept., DRC10, 24 way, C key, black, flange, 180° molded pins, PCB mount
DRC10-24PC-A004
N/A
16
Recept., DRC13, 24 way, A key, black, 90° molded pins, PCB mount
DRC13-24PA
N/A
16
Recept., DRC13, 24 way, A key, black, 90° molded pins, PCB mount, outside rows gold, inside
rows tin
DRC13-24PA-G002
N/A
16
Recept., DRC13, 24 way, B key, black, 90° molded pins, PCB mount
DRC13-24PB
N/A
16
Recept., DRC13, 24 way, C key, black, 90° molded pins, PCB mount
DRC13-24PC
N/A
20
Recept., DRC23, 24 way, A key, black, 90° molded pins, PCB mount
DRC23-24PA
N/A
20
Recept., DRC23, 24 way, B key, black, 90° molded pins, PCB mount
DRC23-24PB
N/A
DT13 EEC Headers
16
Recept., DT13, 24 way, enhanced A & B key, black, 90° molded pins, DT EEC PCB header
DT13-24PAB-R015
N/A
DTM13 EEC Headers
20
Recept., DTM13, 24 way, A & B key, black, 90° molded gold pins, DTM EEC PCB header
DTM13-12PA-12PB-
GR01
N/A
20
Recept., DTM13, 24 way, A & B key, black, 90° molded pins, DTM EEC PCB header
DTM13-12PA-12PB-
R008
N/A
20
Recept., DTM13, 24 way, C & D key, black, 90° molded pins, DTM EEC PCB header
DTM13-12PC-12PD-
R008
N/A
26 CAVITY CONNECTORS
LEAVYSEAL
12 sz. 1.5K, 12 sz. 2.8,
2 sz. 6.3
Tab housing, LEAVYSEAL, 26 way, group 3, A key, black, V0, cable outlet left
1-2112041-1
Included
12 sz. 1.5K, 12 sz. 2.8,
2 sz. 6.3
Tab housing, LEAVYSEAL, 26 way, group 3, A key, black, V0, cable outlet right
1-2112041-2
Included
12 sz. 1.5K, 12 sz. 2.8,
2 sz. 6.3
Recept. housing, LEAVYSEAL, 26 way, group 3, A key, black, V0
1-2112035-1
Included
Superseal 1.0
1.0 mm
Header, Superseal 1.0, 26 way, 1 key (4 row), black, 180° molded gold pins, PCB mount, upper
locking
6437288-6
N/A
1.0 mm
Header, Superseal 1.0, 26 way, 1 key (4 row), black, 90° molded gold pins, PCB mount, upper
locking
9-6437287-8
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com