Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 145 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 145 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 141Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 142Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 143Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 144Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 145Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 146Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 147Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 148Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 149Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 145
CRIMP TOOLING - STAMPED & FORMED CONTACTS
SIZE
CONTACT
PART NUMBER
PART DESCRIPTION
PART NUMBER
PRODUCTION CRIMP TOOLS
1.0 mm
1.0 mm
3-1447221-4
Tool, crimp, sz. 1.0 mm S&F die, .063-.075 [1.60-1.90] ins., mechanical
2151705-1
1.0 mm
3-1447221-4
Tool, crimp, sz. 1.0 mm S&F die, .063-.075 [1.60-1.90] ins., pneumatic
2151705-2
1.0 mm
3-1447221-3
Tool, crimp, sz. 1.0 mm S&F die, .063-.087 [1.60-2.20] ins., mechanical
2151241-1
1.0 mm
3-1447221-3
Tool, crimp, sz. 1.0 mm S&F die, .063-.087 [1.60-2.20] ins., pneumatic
2151241-2
1.3 mm
1.3 mm
770520-*
Tool, crimp, sz. 1.3 mm S&F die, .067-.106 [1.70-2.70] ins.
2151376-1
1.58 mm
1.58 mm
2098250-*,
2098251-1
Tool, crimp, sz. 1.58 mm S&F die, .065-.118 [1.65-3.00] ins.
2151617-1
1.58 mm
2098251-2
Tool, crimp, sz. 1.58 mm S&F die, .065-.118 [1.65-3.00] ins.
2151617-2
1.58 mm
638112-*
Tool, crimp, sz. 1.58 mm S&F die, .077-.155 [1.96-3.94] ins.
2151239-1
1.58 mm
776491-*
Tool, crimp, sz. 1.58 mm S&F die, .077-.155 [1.96-3.94] ins.
2151239-2
1.5K
1.5K
969028
Tool, crimp, sz. 1.5K S&F die, .047-.063 [1.20-1.60] FLR ins., side feed, mechanical, fine adjust
2151056-1
1.5K
969028
Tool, crimp, sz. 1.5K S&F die, .047-.063 [1.20-1.60] FLR ins., side feed, pneumatic, fine adjust
2151056-2
1.5K
1564324
Tool, crimp, sz. 1.5K S&F die, .047-.063 [1.10-1.40] FLR ins., side feed, mechanical, fine adjust
2151469-1
1.5K
1564324
Tool, crimp, sz. 1.5K S&F die, .047-.063 [1.10-1.40] FLR ins., side feed, pneumatic, fine adjust
2151469-2
1.5K
964269
Tool, crimp, sz. 1.5K S&F die, .055-.083 [1.40-2.10] FLR ins., side feed, mechanical, fine adjust
2151935-1
1.5K
964269
Tool, crimp, sz. 1.5K S&F die, .055-.083 [1.40-2.10] FLR ins., side feed, pneumatic, fine adjust
2151935-2
1.5K
1418884
Tool, crimp, sz. 1.5K S&F die, .087-.094 [2.20-2.40] FLR ins., side feed, mechanical, fine adjust
2266179-1
1.5K
1418884
Tool, crimp, sz. 1.5K S&F die, .087-.094 [2.20-2.40] FLR ins., side feed, pneumatic, fine adjust
2266179-2
1.5K
1703278
Tool, crimp, sz. 1.5K S&F die, .074-.094 [1.90-2.40] FLR ins., side feed, mechanical, fine adjust
2266180-1
1.5K
1703278
Tool, crimp, sz. 1.5K S&F die, .074-.094 [1.90-2.40] FLR ins., side feed, pneumatic, fine adjust
2266180-2
2.5 mm
2.5 mm
929963,
929970
Tool, crimp, sz. 2.5 mm S&F die, .055-.083 [1.40-2.10] ins., side feed, lead-maker, cuts carrier
1426121-1
2.5 mm
929963,
929970
Tool, crimp, sz. 2.5 mm S&F die, .055-.083 [1.40-2.10] ins., side feed, bench press, cuts carrier
1426121-2
2.5 mm
929963,
929970
Tool, crimp, sz. 2.5 mm S&F die, .055-.083 [1.40-2.10] ins., side feed, lead-maker, cont. carrier
1426121-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com