Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 153 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 153 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 149Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 150Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 151Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 152Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 153Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 154Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 155Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 156Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 157Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 153
DEUTSCH MODIFICATION LIST
MOD #
SERIES
DESCRIPTION
E007
DTM
Shrink boot adapter
E008
DT
Shrink boot adapter
E009
DRC
24 way and 40 way receptacle, B keys, housing is gray, flange is black
E016
EEC
Standard EEC box, molded-in transparent PEI material
E019
AEC
Backshell adapter
EE
EE01
DT
Shrink boot adapter, black
EE03
DTM
Shrink boot adapter, black
EE04
DTM
High temp, black
EE05
DT
High temp, enhanced seal retention (P012) on plug, end cap, black
EF
EF01
DT
Fluorosilicone front seals, end cap
EF02
DT
Fluorosilicone front seals, latch guard end cap
EK
EK02
DT
Plug, 18 cavity DT with 18 size 16 contacts, enhanced seal retention (P012), end cap, “A” key is gray, “B” key is black, “C” key is green, “D”
key is brown
EP
EP04
DT
End cap (same as E003 mod)
EP05
DT
Latch guard end cap
EP06
DT
Plug with enhanced seal retention (P012), end cap
EP07
DT
Plug with enhanced seal retention (P012), black
EP08
DT
Plug with enhanced seal retention (P012), end cap, black
EP09
DT
Plug with enhanced seal retention (P012), latch guard end cap, black
EP10
DT, DTM
120 ohm terminating resistor (J1939), black
EP11
DT
Plug with enhanced seal retention (P012), shrink boot adapter, black
EP12
DT
Bussed receptacle, 4 and 6 way only, 1 buss, black, gold plated pins
EP13
DT
Bussed receptacle, 4 and 6 way only, 1 buss, black, nickel plated pins
EP14
DT
Bussed receptacle, 6 way, 2 busses, black, nickel plated pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com