Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 160 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 160 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 156Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 157Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 158Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 159Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 160Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 161Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 162Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 163Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 164Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 160 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 160
GLOSSARY
TERM
DEFINITION
E
End Cap
A protective cover integral to, or sonically welded onto the rear of a connector.
Enhanced Keying
Additional keying or polarization to help prevent mis-mating.
Enhanced Seal
Retention
Modification to the plug, front seal, and wedgelock to help prevent the seal from separating from the connector during unmating.
“E” Seal
Reduced diameter insert cavity in the rear grommet. Creates a proper seal with smaller than standard wire or insulation. Also referred to
as extra thin or European seal. “E” seals are smaller than “N” and “T” seals.
F
Flange
A flat, perpendicular extension of the connector body. Flanges are used for mounting and are typically found on receptacles.
Flange Seal
Elastomeric silicone seal used between flange and mounting surface to prevent leakage around the mounting cutout.
Front Seal
Elastomeric silicone seal or o-ring on the mating face of a connector. The front seal is also referred to as an interfacial seal and is usually
found on the plug.
G
Grommet
Rubber or elastomeric seal. On connectors the grommet is on the rear or cable end of the connector and has the cavities through which
the contact is inserted into the connector body.
H
Header
Flanged connector designed for wire to printed circuit board applications.
I
In-line
Connectors that are not intended for use in mounted or PCB applications.
Interface
The surfaces of a mating pair of connectors that face each other when connected.
Internal Seal
Waterproof form, typically made of silicone elastomer, that is inside the body of the connector. Provides moisture and fluid resistance
when connectors are properly mated.
K
Key
Unique pattern of corresponding notches and projections on a set of mating connectors. The projections are intended to match the
notches and prevent mis-mating.
Keying Pin
Solid plastic rod designed to be inserted into an empty socket cavity to help prevent mis-mating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com