Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 122 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 122 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 118Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 119Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 120Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 121Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 122Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 123Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 124Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 125Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 126Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 122
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Fixing slide, HDSCS, group C, 3.5 mm, gray
1670720-6
Fixing slide, HDSCS, group C, 3.0 mm, yellow
1670720-1
Fixing slide, HDSCS, group C, 2.5 mm, red
1670720-2
Fixing slide, HDSCS, group D, 3.0 mm, yellow
1564562-1
Fixing slide, HDSCS, group D, 2.5 mm, red
1564562-2
Fixing slide, HDSCS, group D, 1.5 mm, gray
1564562-5
Fixing slide, HDSCS, group D, 1.0 mm, natural
1564562-4
Fixing slide, HDSCS, group E, 3.5 mm, gray
1564411-6
Fixing slide, HDSCS, group E, 3.0 mm, yellow
1564411-1
Fixing slide, HDSCS, group E, 2.5 mm, red
1564411-2
Fixing slide, HDSCS, group E, 1.5 mm, gray
1564411-5
LEAVYSEAL
Locking slide, LEAVYSEAL, 15 and 22 way, use with adapter, red
1703804-1
Locking slide, LEAVYSEAL, 21 way, 2.5 mm panel, red
2112166-1
Locking slide, LEAVYSEAL, 21 way, 3 mm panel, yellow
2112166-2
Locking slide, LEAVYSEAL, 21 way, 3.5 mm panel, gray
2112166-3
Locking slide, LEAVYSEAL, 26 way, 2.5 mm panel, red
2112045-1
Locking slide, LEAVYSEAL, 26 way, 3 mm panel, yellow
2112045-2
Locking slide, LEAVYSEAL, 39 and 62 way, use with adapter, red
1718328-1
PCB ENCLOSURES
Compact circuit board enclosures that accept DEUTSCH headers
DT Series
Enclosure, EEC, 5” x 6.50” [127.00 x 165.10 mm] PCB, with vent hole
EEC-5X650A
Enclosure, EEC, 5” x 6.50” [127.00 x 165.10 mm] PCB, without vent hole
EEC-5X650B
DTM Series
Enclosure, EEC, 3.25” x 4” [82.55 x 101.60 mm] PCB, with vent hole
EEC-325X4A
Enclosure, EEC, 3.25” x 4” [82.55 x 101.60 mm] PCB, with vent hole, transparent PEI material
EEC-325X4A-E016
Enclosure, EEC, 3.25” x 4” [82.55 x 101.60 mm] PCB, without vent hole
EEC-325X4B
Enclosure, EEC, 3.25” x 4” [82.55 x 101.60 mm] PCB, without vent hole, transparent PEI material
EEC-325X4B-E016
PROTECTIVE COVERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com