Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SE-059 Datasheet(PDF) 128 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SE-059 Datasheet(HTML) 128 Page - TE Connectivity Ltd

Back Button HD36-24-21SE-059 Datasheet HTML 124Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 125Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 126Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 127Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 128Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 129Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 130Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 131Page - TE Connectivity Ltd HD36-24-21SE-059 Datasheet HTML 132Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 128
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Seal, internal, DTM, 4 way, recept.
1010-036-0406
Seal, internal, DTM, 6 way, recept.
1010-038-0606
Seal, internal, DTM, 8 way, recept.
1010-040-0806
Seal, internal, DTM, 12 way, recept.
1010-042-1206
DTP Series
Seal, internal, DTP, 2 way, recept.
1010-079-0206
Seal, internal, DTP, 4 way, recept.
1010-074-0406
DTV Series
Seal, flange, DTV, 18 way, recept.
1010-082-1806
HDSCS/LEAVYSEAL
Wire seal, 1.5K, .035-.047 [0.9-1.2] ins., green
1718705-1
Wire seal, 1.5K, .047-.063 [1.2-1.6] ins., red
964971-1
Wire seal, 1.5K, .047-.063 [1.2-1.6] ins., blue
1394133-1
Wire seal, 1.5K, .055-.075 [1.4-1.9]ins., gray
963530-1
Wire seal, 1.5K, .075-.083 [1.9-2.1] ins., yellow
964972-1
Wire seal, 1.5K, .075-.095 [1.9-2.4] ins., orange
2112323-1
Wire seal, 2.8, .047-.083 [1.2-2.1] ins., blue
828904-1
Wire seal, 2.8, .047-.083 [1.2-2.1] ins., blue
828904-2
Wire seal, 2.8, .087-.118 [2.2-3.0] ins., white
828905-1
Wire seal, 6.3/4.8K, .055-.079 [1.4-2.0] ins., yellow
2177018-1
Wire seal, 6.3/4.8K, .079-.106 [2.0-2.7] ins., white
1394511-1
Wire seal, 6.3/4.8K, .106-.114 [2.7-2.9] ins., red brown
1823111-1
Wire seal, 6.3/4.8K, .134-.146 [3.4-3.7] ins., blue
1394512-1
Wire seal, 6.3/4.8K, .157-.177 [4.0-4.5] ins., green
1719043-1
STRIKE Series
Seal, flange, STRIKE, MD shell, recept.
8910-001-3206
STRAIN RELIEF
Attachment for the rear of the connector used to support the wire bundle
DRC Series
Wire router, DRC, 40 way (DRC26-40SA)
0515-015-4005
Wire router, DRC, 70 way
0515-029-7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com