Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX9918ASA/V+ Datasheet(PDF) 3 Page - Analog Devices

No. de pieza MAX9918ASA/V+
Descripción Electrónicos  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

MAX9918ASA/V+ Datasheet(HTML) 3 Page - Analog Devices

  MAX9918ASA/V+ Datasheet HTML 1Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 2Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 3Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 4Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 5Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 6Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 7Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 8Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
(VCC = 5V, VRS+ = VRS- = +14V, VSENSE = (VRS+ - VRS-) = 0V, VSHDN = VGND = 0V, VREFIN = VCC/2, RL = 100kΩ; for MAX9918,
AV = 90V/V, R2/R1 = 89kΩ/1kΩ; for MAX9920, AV = 20V/V, R2/R1 = 79kΩ/1kΩ; TA = -40°C to +125°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage (Note 2)
VOS
MAX9918
VRS+ = VRS- =
+14V, VREFIN
= 0V
TA = +25°C
±0.14
±0.4
mV
TA = -40°C to
+125°C
±0.7
VRS+ = VRS- =
-2V, VREFIN
= 0V
TA = +25°C
±0.08
±0.4
TA = -40°C to
+125°C
±1.3
MAX9919_
VRS+= VRS- =
+14V, VREFIN
= 0V
TA = +25°C
±0.18
±0.4
TA = -40°C to
+125°C
±0.9
VRS+ = VRS- =
-2V, VREFIN
= 0V
TA = +25°C
±0.11
±0.4
TA = -40°C to
+125°C
±1.0
MAX9920
VRS+ = VRS- =
+14V, VREFIN
= 0V
TA = +25°C
±0.48
±1.2
TA = -40°C to
+125°C
±3.0
VRS+ = VRS- =
-2V, VREFIN
= 0V
TA = +25°C
±0.10
±0.9
TA = -40°C to
+125°C
±3.5
www.maximintegrated.com
Maxim Integrated │ 3
MAX9918/MAX9919/MAX9920
-20V to +75V Input Range,
Precision Uni-/Bidirectional,
Current-Sense Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com