Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX9918ASA/V+ Datasheet(PDF) 17 Page - Analog Devices

No. de pieza MAX9918ASA/V+
Descripción Electrónicos  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

MAX9918ASA/V+ Datasheet(HTML) 17 Page - Analog Devices

Back Button MAX9918ASA/V+ Datasheet HTML 11Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 12Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 13Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 14Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 15Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 16Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 17Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 18Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
A
INPUT
INPUT STAGE/
LEVEL SHIFTER
FIXED GAIN
G = 45V/V OR 90V/V
VCC
RS+
RS-
FB
OUT
REFIN
R2
R1
GND
SHDN
MAX9919F
ILOAD
50mV (typ)
RSENSE
A
INPUT
INPUT STAGE/
LEVEL SHIFTER
ADJUSTABLE GAIN
VCC
RS+
RS-
FB
OUT
REFIN
R2
R1
GND
SHDN
MAX9918
MAX9920
ILOAD
MAX9918
50mV (typ)
MAX9920
200mV (typ)
RSENSE
GAIN IS SET BY EXTERNAL RESISTORS, R1 AND R2
G = [1+(R2/R1)] FOR MAX9918
G = [1+(R2/R1)]/4 FOR MAX9920
Functional Diagram
Chip Information
PROCESS: BiCMOS
www.maximintegrated.com
Maxim Integrated │ 17
MAX9918/MAX9919/MAX9920
-20V to +75V Input Range,
Precision Uni-/Bidirectional,
Current-Sense Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com