Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX9918ASA/V+ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza MAX9918ASA/V+
Descripción Electrónicos  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

MAX9918ASA/V+ Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX9918ASA/V+ Datasheet HTML 4Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 5Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 6Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 7Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 8Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 9Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 10Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 11Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
(VCC = 5V, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics
VOS DRIFT
(VRS+ = +14V)
OFFSET VOLTAGE (µV/°C)
3
2
1
0
-1
-2
-3
0.05
0.10
0.15
0.20
0.25
0.30
0
-4
4
VOS
(VRS+ = -2V)
OFFSET VOLTAGE (µV)
320
240
160
80
0
-80
-160
-240
-320
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
-400
400
VOS DRIFT
(VRS+ = -2V)
OFFSET VOLTAGE (µV/°C)
8
4 6
-6 -4 -2 0 2
-8
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0
-10
10
VOS vs. VCM
VCM (V)
70
60
40 50
0 10 20 30
-10
-400
-300
-200
-100
0
100
200
300
400
500
-500
-20
80
TA = -40°C
TA = +25°C
MAX9918ASA
VCC = 5V
VREF = VGND
TA = +125°C
VOS vs. VCC
VCC (V)
5.4
5.3
5.1 5.2
4.7 4.8 4.9 5.0
4.6
-75
-50
-25
0
25
50
75
100
125
-100
4.5
5.5
MAX9918ASA
VCC = 5V
VREF = VGND
VCM = -2V
VCM = 14V
0
0.1 0.2 0.3
-0.4 -0.3 -0.2 -0.1
0.4
GAIN ERROR
(VRS+ = +14V, MAX9919F, AV = +45V/V)
GAIN ERROR (%)
0.1
0.2
0.3
0.4
0.5
0.6
0
VOS
(VRS+ = +14V)
OFFSET VOLTAGE (µV)
240 320
-240-160 -80 0 80 160
-320
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
-400
400
0
0.1 0.2 0.3
-0.4 -0.3 -0.2 -0.1
0.4
GAIN ERROR (%)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
GAIN ERROR
(VRS+ = +14V, MAX9919N, AV = +90V/V)
0
0.1 0.2 0.3
-0.4 -0.3 -0.2 -0.1
0.4
GAIN ERROR
(VRS+ = -2V, MAX9919F, AV = +45V/V)
GAIN ERROR (%)
0.1
0.2
0.3
0.4
0.5
0.6
0
www.maximintegrated.com
Maxim Integrated │ 8
MAX9918/MAX9919/MAX9920
-20V to +75V Input Range,
Precision Uni-/Bidirectional,
Current-Sense Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com