Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX9918ASA/V+ Datasheet(PDF) 14 Page - Analog Devices

No. de pieza MAX9918ASA/V+
Descripción Electrónicos  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

MAX9918ASA/V+ Datasheet(HTML) 14 Page - Analog Devices

Back Button MAX9918ASA/V+ Datasheet HTML 10Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 11Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 12Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 13Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 14Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 15Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 16Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 17Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Detailed Description
The MAX9918/MAX9919/MAX9920 are single-supply,
high-accuracy uni-/bidirectional current-sense amplifi-
ers with a high common-mode input range that extends
from -20V to +75V. The MAX9918/MAX9919/MAX9920’s
input stage utilizes a pair of level shifters allowing a wide
common-mode operating range when measuring the volt-
age drop (VSENSE) across the current-sense resistor. The
first level shifter accommodates the upper common-mode
operating range from +2V to +75V. When the common-
mode voltage falls below +2V, the second level shifter is
used to accommodate negative voltages down to -20V.
The level shifters translate VSENSE to an internal refer-
ence voltage where it is then amplified with an instrumen-
tation amplifier. The instrumentation amplifier configura-
tion provides high precision with input offset voltages of
400µV (max). Indirect feedback of the instrumentation
amplifier allows the gain to be adjusted with an external
resistive-divider network on the MAX9918/MAX9920.
The MAX9919 is a fixed gain device available with laser-
trimmed resistors for gains of 45V/V (MAX9919F) and
90V/V (MAX9919N).
The MAX9918/MAX9919 operate with a full-scale sense
voltage of 50mV. The input stage of the MAX9920 pro-
vides an attenuation factor of 4, enabling a full-scale
sense voltage of 200mV.
Pin Description
8 SO-EP
TOP VIEW
MAX9918
MAX9919
MAX9920
FB
OUT
8
7
VCC
REFIN
6
5
GND
1
2
RS-
SHDN
RS+
3
4
EP*
+
*EXPOSED PAD. CONNECT EP TO SOLID GROUND FOR
PROPER THERMAL AND ELECTRICAL PERFORMANCE.
Pin Configuration
PIN
NAME
FUNCTION
1
RS+
Positive Current-Sensing Input. Power side connects to external sense resistor.
2
RS-
Negative Current-Sensing Input. Load side connects to external sense resistor.
3
SHDN
Active-High Shutdown Input. Connect to GND for normal operation.
4
GND
Ground
5
OUT
Current-Sense Output. VOUT is proportional to VSENSE.
6
FB
Feedback Input. Connect FB to a resistive-divider network to set the gain for the MAX9918 and
MAX9920. See the Adjustable Gain (MAX9918/MAX9920) section for more information. Leave FB
unconnected for the MAX9919 for proper operation.
7
REFIN
Reference Input. Set REFIN to VCC/2 for bidirectional operation. Set REFIN to GND for
unidirectional operation.
8
VCC
5V Supply Voltage Input. Bypass VCC to GND with 0.1µF capacitor.
—
EP
Exposed Pad. Connect to a large-area contiguous ground plane for improved power dissipation.
Do not use as the only ground connection for the part.
www.maximintegrated.com
Maxim Integrated │ 14
MAX9918/MAX9919/MAX9920
-20V to +75V Input Range,
Precision Uni-/Bidirectional,
Current-Sense Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com