Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMS128AF Datasheet(PDF) 43 Page - Numonyx B.V

No. de pieza SMS128AF
Descripción Electrónicos  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS128AF Datasheet(HTML) 43 Page - Numonyx B.V

Back Button SMS128AF Datasheet HTML 39Page - Numonyx B.V SMS128AF Datasheet HTML 40Page - Numonyx B.V SMS128AF Datasheet HTML 41Page - Numonyx B.V SMS128AF Datasheet HTML 42Page - Numonyx B.V SMS128AF Datasheet HTML 43Page - Numonyx B.V SMS128AF Datasheet HTML 44Page - Numonyx B.V SMS128AF Datasheet HTML 45Page - Numonyx B.V SMS128AF Datasheet HTML 46Page - Numonyx B.V SMS128AF Datasheet HTML 47Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Serial peripheral interface (SPI) mode
43/61
Figure 31.
SD Memory Card System SPI Mode Bus Topology
7.2
SPI Bus Protocol
Whereas the SD channel is based on command and data bit streams initiated by a start bit
and terminated by a stop bit, the SPI channel is Byte-oriented. Every command or data
block is built up with 8-bit Bytes and is Byte-aligned to the CS signal (that is, the length is a
multiple of 8 clock cycles).
Like in the SD protocol, messages in the SPI protocol consist of command, response and
data-block tokens. All communications between host and cards are controlled by the host
(master). The host starts every bus transaction by asserting the CS signal Low.
The response behaviors in SPI mode and SD mode differ in three ways. In the SPI mode:
●
the selected card always responds to the command.
●
two additional (8 & 16 bit) response structures are used
●
when the card encounters a data retrieval problem, it sends an error response in place
of the expected data block (in the SD mode the card does not respond but implements
a timeout).
In addition to returning a response for every command received, the card returns a special
data response token for every data block received during write operations.
7.2.1
Mode Selection
The SD Memory Card wakes up in the SD mode. It will enter the SPI mode if the CS signal
is asserted (Low) when the Reset command (CMD0) is received.
The only way to return to the SD mode is to start a new power-down/power-up sequence.
In SPI mode, the SD Card protocol state machine does not apply.
CS(A)
VDD
VSS
CS
VDD
VSS
CLK, DataIN, DataOut
SD Memory
Card (A)
(SPI mode)
CS
VDD
VSS
CLK, DataIN, DataOut
SD Memory
Card (B)
(SPI mode)
CLK
DataIN
DataOut
CS
VDD
VSS
CLK, DataIN, DataOut
MultiMediaCard
(C)
(SPI mode)
ai10065
HOST
CS(B)
CS(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com