Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMS128AF Datasheet(PDF) 19 Page - Numonyx B.V

No. de pieza SMS128AF
Descripción Electrónicos  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS128AF Datasheet(HTML) 19 Page - Numonyx B.V

Back Button SMS128AF Datasheet HTML 15Page - Numonyx B.V SMS128AF Datasheet HTML 16Page - Numonyx B.V SMS128AF Datasheet HTML 17Page - Numonyx B.V SMS128AF Datasheet HTML 18Page - Numonyx B.V SMS128AF Datasheet HTML 19Page - Numonyx B.V SMS128AF Datasheet HTML 20Page - Numonyx B.V SMS128AF Datasheet HTML 21Page - Numonyx B.V SMS128AF Datasheet HTML 22Page - Numonyx B.V SMS128AF Datasheet HTML 23Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Secure digital memory card interface
19/61
Figure 10.
Data Packet format
3.3
SD Memory Card Functional Description
All communications between the host and the cards are controlled by the host (master).
The host sends commands of two types:
●
Broadcast commands which are intended for all cards. Some of these commands
require a response.
●
Addressed (point-to-point) commands that are sent to the addressed card and are
followed by a response from the card.
3.4
Operation Modes
Figure 11 and Figure 12 show an overview of the command flow for the Card Identification
mode and the Data Transfer mode, respectively.
Table 10 shows the relationship between operation modes and card states. Each state in the
SD Memory Card state diagram (see Figure 16 and Figure 17) is associated with one
operation mode.
ai10036b
Block Length
Start Bit
always '0'
MSB (bit 4095)
0
CONTENT
CRC
1
End bit always '1'
Standard bus (only DAT0 used)
LSB (bit 0)
Block Length / 4
Start Bit
always '0'
MSB Number
0
CONTENT
CRC
1
End bit always '1'
Wide bus (all four data lines used)
LSB Number
0
CONTENT
CRC
1
0
CONTENT
CRC
1
0
CONTENT
CRC
1
DAT0
DAT2
DAT3
DAT1
4095
4093
4094
4092
3
2
1
0
Table 10.
Card States vs. Operation Modes
Card state
Operation mode
Inactive State
Inactive
Idle State
Card Identification Mode
Ready State
Identification State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com