Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMS128AF Datasheet(PDF) 25 Page - Numonyx B.V

No. de pieza SMS128AF
Descripción Electrónicos  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS128AF Datasheet(HTML) 25 Page - Numonyx B.V

Back Button SMS128AF Datasheet HTML 21Page - Numonyx B.V SMS128AF Datasheet HTML 22Page - Numonyx B.V SMS128AF Datasheet HTML 23Page - Numonyx B.V SMS128AF Datasheet HTML 24Page - Numonyx B.V SMS128AF Datasheet HTML 25Page - Numonyx B.V SMS128AF Datasheet HTML 26Page - Numonyx B.V SMS128AF Datasheet HTML 27Page - Numonyx B.V SMS128AF Datasheet HTML 28Page - Numonyx B.V SMS128AF Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Secure digital memory card interface
25/61
Table 12.
Response R1
Table 13.
Response R2
Table 14.
Response R3
Table 15.
Response R6
Bit Position
47
46
[45:40]
[39:8]
[7:1]
0
Width (bits)
1
1
6
32
7
1
Value
‘0’
‘0’
X
X
X
‘1’
Description
Start Bit
Transmission
Bit
Command
Index
Card Status
CRC7
End Bit
Bit Position
135
134
[133:128]
[127:1]
0
Width (bits)
1
1
6
127
1
Value
‘0’
‘0’
‘111111’
X
‘1’
Description
Start Bit
Transmission Bit
Reserved
CID or CSD
register incl.
internal CRC7
End Bit
Bit Position
47
46
[45:40]
[39:8]
[7:1]
0
Width (bits)
1
1
6
32
7
1
Value
‘0’
‘0’
‘111111’
X
‘111111’
‘1’
Description
Start Bit
Transmission
Bit
Reserved
OCR Register
Reserved
End Bit
Bit Position
47
46
[45:40]
[39:8] Argument Field
[7:1]
0
Width (bits)
1
1
6
16
16
7
1
Value
‘0’
‘0’
X
X
X
X
‘1’
Description
Start Bit
Transmissio
n Bit
Command
Index
(‘000011’)
New
published
RCA [31:16]
of the card
[15:0] Card
Status Bits:
23, 22, 19
and 12 to 0
CRC7
end bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com