Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMS128AF Datasheet(PDF) 29 Page - Numonyx B.V

No. de pieza SMS128AF
Descripción Electrónicos  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS128AF Datasheet(HTML) 29 Page - Numonyx B.V

Back Button SMS128AF Datasheet HTML 25Page - Numonyx B.V SMS128AF Datasheet HTML 26Page - Numonyx B.V SMS128AF Datasheet HTML 27Page - Numonyx B.V SMS128AF Datasheet HTML 28Page - Numonyx B.V SMS128AF Datasheet HTML 29Page - Numonyx B.V SMS128AF Datasheet HTML 30Page - Numonyx B.V SMS128AF Datasheet HTML 31Page - Numonyx B.V SMS128AF Datasheet HTML 32Page - Numonyx B.V SMS128AF Datasheet HTML 33Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
SD memory card hardware interface
29/61
Figure 15.
Bus Signal levels
Table 16.
Bus Operating Conditions
Symbol
Parameter
Min
Max.
Unit
Remark
Peak voltage on all lines
−0.3
VDD+0.3
V
Input Leakage Current
−10
10
A
Output Leakage Current
−10
10
A
VDD
Supply voltage
2.0
3.6
V
Supply voltage specified in OCR register
VSS1, VSS2 Supply voltage differentials
−0.3
0.3
V
power-up time
250
ms
RCMD, RDAT Pull-up resistance
10
100
K
Ω
CL
Bus signal line capacitance
250
pF
fPP < 5MHz
21 Cards
100
pF
fPP < 20MHz
21 Cards
CCARD
Single Card capacitance
10
pF
Maximum signal line Inductance
16
nH
fPP < 20MHz
RDAT3
Pull-up resistance inside card (pin1)
10
90
K
Ω
Low
Input Level
High
Input Level
Low
Output Level
High
Output Level
Undefined
V
t
VDD
VOH
VIH
VIL
VOL
VSS
ai10044
Table 17.
Bus Signal Condition - I/O Signal Voltages
Symbol
Parameter
Conditions
Min
Max.
Unit
VOH
HIGH Output voltage
IOH = −100µA at VDD min
0.75VDD
V
VOL
LOW Output voltage
IOL = 100µA at VDD min
0.125VDD
V
VIH
HIGH Input voltage
0.625VDD
VDD + 0.3
V
VIL
LOW Input voltage
VSS −0.3
0.25VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com